전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD1015-64-XX 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LSD1015-64-XX
상세설명  SINGLE DIGIT LED DISPLAY (1.0 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1015-64-XX 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD1015-64-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1015-64-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1015-64-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1015-64-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1015-64-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1015-64-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1015-64-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1015-64-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
27.75
(1.093")
B
J
I
F H
33.0
(1.299")
25.4
(1.0")
G2
D1
18.1(0.713")
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
8.5
(0.335")
PIN NO.1
D2
E
G1
L
MK
1.8(0.071")
6.05
±0.5
C
22.8(0.898")
LSD1015/64-XX
LIGITEK
Package Dimensions
PART NO.
A1
LSD1015/64-XX
A2
8.9(0.35")
Page 1/7
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


유사한 부품 번호 - LSD1015-64-XX

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD1015-61-XX LIGITEK-LSD1015-61-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-62V-XX-PF LIGITEK-LSD1015-62V-XX-PF Datasheet
159Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-65-XX LIGITEK-LSD1015-65-XX Datasheet
94Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66-XX-PF LIGITEK-LSD1015-66-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66F-XX-PF LIGITEK-LSD1015-66F-XX-PF Datasheet
160Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
More results

유사한 설명 - LSD1015-64-XX

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD1005-6A-XX-PF LIGITEK-LSD1005-6A-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-6D-XX-PF LIGITEK-LSD1005-6D-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-65-XX LIGITEK-LSD1015-65-XX Datasheet
94Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66-XX-PF LIGITEK-LSD1015-66-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1055-64S-XX-PF LIGITEK-LSD1055-64S-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66F-XX-PF LIGITEK-LSD1015-66F-XX-PF Datasheet
160Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-65-XX-PF LIGITEK-LSD1005-65-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-62U-XX-PF LIGITEK-LSD1005-62U-XX-PF Datasheet
115Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-66-XX-PF LIGITEK-LSD1005-66-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-61-XX LIGITEK-LSD1015-61-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com