전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD1535-64-XX-PF 데이터시트(PDF) 7 Page - LIGITEK electronics co., ltd.

부품명 LSD1535-64-XX-PF
상세설명  SINGLE DIGIT LED DISPLAY (1.5Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1535-64-XX-PF 데이터시트(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSD1535-64-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD1535-64-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6/8
Page
E CHIP
750
700
PART NO. LSD1535/64-XX-PF
650
3.0
2.5
1.5
1.0
0.5
0.0
2.0
60
100
80
0
20
40
-40
-20
0.9
0.8
100
80
5.0
4.0
3.0
2.0
1.0
0.5
0.0
600
550
1.2
1.1
1.0
60
40
20
0
-20
-40
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1000
100
10
1.0
1000
100
10
1.0
0.1
1.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Forward Current(mA)
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
Typical Electro-Optical Characteristics Curve
Ambient Temperature(
)
Fig.4 Relative Intensity vs. Temperature
Wavelength (nm)
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature


유사한 부품 번호 - LSD1535-64-XX-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD1505-62-PF LIGITEK-LSD1505-62-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
LSD1505-65F-XX-PF LIGITEK-LSD1505-65F-XX-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
LSD1505/62-PF LIGITEK-LSD1505/62-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
LSD1505/65F-XX-PF LIGITEK-LSD1505/65F-XX-PF Datasheet
136Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.5 Inch)
LSD1525-6EGR-XX-PF LIGITEK-LSD1525-6EGR-XX-PF Datasheet
154Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (1.5Inch)
More results

유사한 설명 - LSD1535-64-XX-PF

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SC15-11SRWA KINGBRIGHT-SC15-11SRWA Datasheet
215Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
LIGITEK electronics co....
LSD1525-6EGR-XX-PF LIGITEK-LSD1525-6EGR-XX-PF Datasheet
154Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (1.5Inch)
logo
Kingbright Corporation
SC15-11SRWA KINGBRIGHT-SC15-11SRWA_06 Datasheet
126Kb / 4P
   38mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11GWA KINGBRIGHT-SA15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11YWA KINGBRIGHT-SC15-11YWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11SRWA KINGBRIGHT-SA15-11SRWA_06 Datasheet
126Kb / 4P
   38mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11EWA KINGBRIGHT-SA15-11EWA Datasheet
218Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SBC15-11EGWA KINGBRIGHT-SBC15-11EGWA Datasheet
296Kb / 7P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SBA15-11EGWA KINGBRIGHT-SBA15-11EGWA Datasheet
296Kb / 7P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com