전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSD2325-62V-XX 데이터시트(PDF) 8 Page - LIGITEK electronics co., ltd.

부품명 LSD2325-62V-XX
상세설명  SINGLE DIGIT LED DISPLAY (2.3 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD2325-62V-XX 데이터시트(HTML) 8 Page - LIGITEK electronics co., ltd.

  LSD2325-62V-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD2325-62V-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD2325-62V-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD2325-62V-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD2325-62V-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD2325-62V-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD2325-62V-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD2325-62V-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD2325-62V-XX Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this test is the resistance
of the device under tropical for hous.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to see soldering well
performed or not.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Solder Resistance
Test
High Temperature
High Humidity Test
Thermal Shock Test
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
Reliability Test:
PART NO.
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
High Temperature
Storage Test
Operating Life Test
Test Item
Test Condition
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
Description
LSD2325/62V-XX
Page 7/7


유사한 부품 번호 - LSD2325-62V-XX

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD2325-62-XX LIGITEK-LSD2325-62-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
More results

유사한 설명 - LSD2325-62V-XX

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LSD2325-65-XX LIGITEK-LSD2325-65-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2325-65-XX-PF LIGITEK-LSD2325-65-XX-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2355-65-XX-PF LIGITEK-LSD2355-65-XX-PF Datasheet
138Kb / 9P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2325-61-XX LIGITEK-LSD2325-61-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2325-62-XX LIGITEK-LSD2325-62-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2325-64-XX LIGITEK-LSD2325-64-XX Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2325-63-XX LIGITEK-LSD2325-63-XX Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2325-66-XX LIGITEK-LSD2325-66-XX Datasheet
94Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2365-6EGR-XX-PF LIGITEK-LSD2365-6EGR-XX-PF Datasheet
177Kb / 10P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
logo
China Semiconductor Cor...
CSS-2318VM9 CHINASEMI-CSS-2318VM9 Datasheet
221Kb / 8P
   2.3 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com