전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N138 데이터시트(PDF) 8 Page - Lite-On Technology Corporation

부품명 6N138
상세설명  Property of Lite-On Only
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

6N138 데이터시트(HTML) 8 Page - Lite-On Technology Corporation

Back Button 6N138 Datasheet HTML 4Page - Lite-On Technology Corporation 6N138 Datasheet HTML 5Page - Lite-On Technology Corporation 6N138 Datasheet HTML 6Page - Lite-On Technology Corporation 6N138 Datasheet HTML 7Page - Lite-On Technology Corporation 6N138 Datasheet HTML 8Page - Lite-On Technology Corporation 6N138 Datasheet HTML 9Page - Lite-On Technology Corporation 6N138 Datasheet HTML 10Page - Lite-On Technology Corporation 6N138 Datasheet HTML 11Page - Lite-On Technology Corporation 6N138 Datasheet HTML 12Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
Absolute Maximum Ratings*1
Parameter
Symbol
Device
Min
TYP
Max
Units
Storage Temperature
TST
-55
125
oC
Operating Temperature
TA
-20
85
oC
Isolation Voltage
VISO
5000
VRMS
Supply Voltage
VCC
15
V
Lead Solder Temperature * 2
TSOL
6N138
6N139
260
°C
Input
Average Forward Input Current
IF
20
mA
Reverse Input Voltage
VR
5
V
Input Power Dissipation
PI
6N138
6N139
35
mW
Output
Average Output Current
IO
6N138
6N139
50
mA
6N138
-0.5
7
Supply Voltage, Output Voltage
Vcc, VO
6N139
-0.5
18
V
Output Collector Power Dissipation
PO
6N138
6N139
100
mW
Part No. : 6N138 / 6N139 series
Page : 8
of 15
BNS-OD-C131/A4
1.Ambient temperature = 25
oC, unless otherwise specified. Stresses exceeding the absolute maximum
ratings can cause permanent damage to the device. Exposure to absolute maximum ratings for long periods
of time can adversely affect reliability.
2. 260
oC for 10 seconds. Refer to Lead Free Reflow Profile.


유사한 부품 번호 - 6N138

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
6N138 TOSHIBA-6N138 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
logo
CT Micro International ...
6N138 CTMICRO-6N138 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Vishay Siliconix
6N138 VISHAY-6N138 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
More results

유사한 설명 - 6N138

제조업체부품명데이터시트상세설명
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com