전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N139 데이터시트(PDF) 1 Page - Lite-On Technology Corporation

부품명 6N139
상세설명  Property of Lite-On Only
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

6N139 데이터시트(HTML) 1 Page - Lite-On Technology Corporation

  6N139 Datasheet HTML 1Page - Lite-On Technology Corporation 6N139 Datasheet HTML 2Page - Lite-On Technology Corporation 6N139 Datasheet HTML 3Page - Lite-On Technology Corporation 6N139 Datasheet HTML 4Page - Lite-On Technology Corporation 6N139 Datasheet HTML 5Page - Lite-On Technology Corporation 6N139 Datasheet HTML 6Page - Lite-On Technology Corporation 6N139 Datasheet HTML 7Page - Lite-On Technology Corporation 6N139 Datasheet HTML 8Page - Lite-On Technology Corporation 6N139 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
Part No. : 6N138 / 6N139 series
Page : 1
of 15
BNS-OD-C131/A4
Description
These high gain series couplers use a light
emitter diode and an integrated high gain
photo detector to provide extremely high
current transfer ratio between input and
output. Separate pins for the photodiode and
output stage result in TTL compatible
saturation voltage and high speed operation.
Where desired the Vcc and Vo terminals
may be tied together to achieve conventional
photo darlington operation. A base access
terminal allows a gain bandwidth adjustment
to be made.
Dec.2008
Functional Diagram
NC
ANODE
Cathode
NC
VO
VB
GND
VCC
Truth Table (Positive Logic)
LED
OUT
ON
L
OFF
H
A 0.1µF bypass Capacitor must
be connected between Pin8 and
Pin5
6N138 / 6N139
APPLICATIONS
Digital logic ground isolation
Low input current line receiver
Telephone ring detector
EIA-RS-232C line receiver
Current loop receiver
High common mode noise line
receiver
Features
• High current transfer ratio – 2000%
typical.
• Low input current requirements – 0.5mA
• High output current – 60mA
• CTR guarantee – 0~70℃.
• Instantaneous common mode rejection
10KV/μsec
• TTL compatible output – 0.1V V
OL typical
• UL, CSA approved.
6N138, 6N139
Single Channel, High Speed Optocouplers


유사한 부품 번호 - 6N139

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Vishay Siliconix
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
More results

유사한 설명 - 6N139

제조업체부품명데이터시트상세설명
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com