전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP542G 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP542G
상세설명  Programmable Controllers AC.Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP542G 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP542G Datasheet HTML 1Page - Toshiba Semiconductor TLP542G Datasheet HTML 2Page - Toshiba Semiconductor TLP542G Datasheet HTML 3Page - Toshiba Semiconductor TLP542G Datasheet HTML 4Page - Toshiba Semiconductor TLP542G Datasheet HTML 5Page - Toshiba Semiconductor TLP542G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP541G, TLP542G
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
µA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Ta = 25°C
10
5000
nA
Off
-state current
IDRM
VAK = 400 V
RGK = 27 kΩ
Ta = 100°C
1
100
µA
Ta = 25°C
10
5000
nA
Reverse current
IRRM
VKA = 400 V
RGK = 27 kΩ
Ta = 100°C
1
100
µA
On
-state voltage
VTM
ITM = 100 mA
0.9
1.3
V
Holding current
IH
RGK = 27 kΩ
0.2
1
mA
Off
-state dv/dt
dv/dt
VAK = 280 V, RGK = 27 kΩ
5
10
V/µs
Capacitance
Cj
V = 0, f = 1 MHz
Anode to gate
Gate to cathode
20
350
pF
Coupled Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VAK = 6 V, RGK = 27 kΩ
1
4
7
mA
Turn
-on time
ton
IF = 50 mA, RGK = 27 kΩ
10
µs
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
10
11
Isolation voltage
BVS
AC, 1 minute
2500
Vrms


유사한 부품 번호 - TLP542G

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP542G TOSHIBA-TLP542G Datasheet
550Kb / 6P
   GaAs Ired & Photo-Thyristor
More results

유사한 설명 - TLP542G

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3902 TOSHIBA-TLP3902 Datasheet
189Kb / 6P
   SOLID STATE RELAY PROGRAMMABLE CONTROLLERS
TLP523F TOSHIBA-TLP523F Datasheet
218Kb / 7P
   Programmable Controllers DC?뭀utput Module Solid State Relay
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
   Programmable Controllers AC / DC.Input Module Solid State Relay
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
   programmable controllers dc-output module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
   Programmable Controllers AC / DC-Input Module Solid State Relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
   programmable controllers ac/dc-input module solid state relay
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
   programmable controllers ac/dc-input module solid state relay
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com