전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL15316ZC-XXXT 데이터시트(PDF) 3 Page - SpectraLinear Inc

부품명 SL15316ZC-XXXT
상세설명  Programmable Spread Spectrum Clock Generator (SSCG)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRALINEAR [SpectraLinear Inc]
홈페이지  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15316ZC-XXXT 데이터시트(HTML) 3 Page - SpectraLinear Inc

  SL15316ZC-XXXT Datasheet HTML 1Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 2Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 3Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 4Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 5Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 6Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 7Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 8Page - SpectraLinear Inc SL15316ZC-XXXT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev 1.0, August 7, 2008
Page 3 of 12
SL15316
11
SSCLK2 or REFCLK2
or PD#/OE/SSON#/FS
I/O
This pin can be programmed as SSCLK2 or REFCLK2.
12
SSCLK3 or REFCLK3
Output
This pin can be programmed as SSCLK3 or REFCLK3.
13
SSCLK4 or REFCLK4
Output
This pin can be programmed as SSCLK4 or REFCLK4.
14
VSS
Power
Power supply ground.
15
SSCLK5 or REFCLK5
or PD#/OE/SSON#/FS
I/O
This pin can be programmed as SSCLK5 or REFCLK5 or one of
PD#/OE/SSON#/FS functions.
16
VDDO
Power
Positive power supply for pins 12, 13 and 15. can be 3.3V to 2.5V
or 1.8V +/-10% where VDDO≤VDD.
Available REFCLK Frequencies and Dividers
All REFCLK outputs are programmed by using buffered crystal or clock input and output dividers. These
outputs can not be programmed for spread spectrum clock function. The table below gives the available
output dividers for REFCLK outputs:
Pin Number
Pin Name
Description
7
REFCLK1
Crystal or clock input reference frequency divide by 1 to 32
11
REFCLK2
Crystal or clock input reference frequency divide by 1 to 32
12
REFCLK3
Crystal or clock input reference frequency (no divider)
13
REFCLK4
Crystal or clock input reference frequency divide by 2 to 32
15
REFCLK5
Crystal or clock input reference frequency divide by 2N where
N = 2 to 16.


유사한 부품 번호 - SL15316ZC-XXXT

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
AMETHERM Circuit Protec...
SL1530003 AMETHERM-SL1530003 Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-A AMETHERM-SL1530003-A Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-B AMETHERM-SL1530003-B Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-L AMETHERM-SL1530003-L Datasheet
30Kb / 1P
   Circuit Protection Thermistors
More results

유사한 설명 - SL15316ZC-XXXT

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com