전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL15316ZI-XXX 데이터시트(PDF) 1 Page - SpectraLinear Inc

부품명 SL15316ZI-XXX
상세설명  Programmable Spread Spectrum Clock Generator (SSCG)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRALINEAR [SpectraLinear Inc]
홈페이지  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15316ZI-XXX 데이터시트(HTML) 1 Page - SpectraLinear Inc

  SL15316ZI-XXX Datasheet HTML 1Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 2Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 3Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 4Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 5Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 6Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 7Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 8Page - SpectraLinear Inc SL15316ZI-XXX Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.0, August 7, 2008
Page 1 of 12
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL15316
Programmable Spread Spectrum Clock Generator (SSCG)
Key Features
• Low power dissipation
- 9.0mA-typ at 66MHz and VDD=3.3V
- 8.0mA-typ at 66MHz and VDD=2.5V
• Wide 3.3V to 2.5V power supply range
• Programmable 5 outputs from 3 to 200MHz
• VDDO power suplly for 3 outputs from 3.3 to
2.5V or 1.8V
• Low Jitter
• Programmable Center or Down Spread Modulation
from 0.25 to 5.0%
• 8 to 48 MHz external crystal range
• 3 to 166 MHz external clock range
• Integrated internal voltage regulator
• Programmable PD#/OE/SSON#/FS functions
• Programmable CL at XIN and XOUT pins
• Programmable output rise and fall times
• Programmable modulation frequency from 25 to
120 kHz
Applications
• Printers, MFPs
• Digital Copiers
• NBPCs and LCD Monitors
• Routers, Servers and Switches
• HDTV and DVD-R/W
Description
The SL15316 a programmable Ultra low Power Spread
Spectrum Clock Generator (SSCG) used for reducing
Electromagnetic Interference (EMI).
The product is designed using SpectraLinear proprietary
programmable phase-locked loop (PLL) and Spread
Spectrum Clock (SSC) technology to synthesize and
modulate the input clock. The modulated clock can
significantly reduce the measured EMI levels, and leading
to the compliance with regulatory agency requirements.
Up to 5 output clock frequencies, Spread %, output rise
and fall times, crystal load, modulation frequency and
PD#/OE/SSON#/FS functions can be programmed to meet
the needs of wide range of applications.
The SL15316 operates from 2.5V to 3.3V power supply
voltage range. Separate VDDO power supply is provided
for three (3) clock outputs which can be any value from
3.3V to 2.5V or 1.8V where VDDO≤VDD.
The product is offered in 16-pin TSSOP package with
commercial and industrial grades.
Benefits
• Peak EMI reduction of 6 to 16 dB
• Fast time-to-market
• Cost Reduction
• Reduction of PCB layers
• Eleminates the need for higher order crystals (Xtals)
and crystal oscillators (XOs)
Block Diagram


유사한 부품 번호 - SL15316ZI-XXX

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
AMETHERM Circuit Protec...
SL1530003 AMETHERM-SL1530003 Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-A AMETHERM-SL1530003-A Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-B AMETHERM-SL1530003-B Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-L AMETHERM-SL1530003-L Datasheet
30Kb / 1P
   Circuit Protection Thermistors
More results

유사한 설명 - SL15316ZI-XXX

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com