전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q14.0-SS2-12-20 데이터시트(PDF) 2 Page - Jauch Quartz Gmbh

부품명 Q14.0-SS2-12-20
상세설명  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JAUCH [Jauch Quartz Gmbh]
홈페이지  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q14.0-SS2-12-20 데이터시트(HTML) 2 Page - Jauch Quartz Gmbh

  Q14.0-SS2-12-20 Datasheet HTML 1Page - Jauch Quartz Gmbh Q14.0-SS2-12-20 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Marking
frequency with load capacitance code
company code / date code / internal code
Jan.
Febr.
Mar.
Apr.
May
June
July
Aug.
Sept.
Okt.
Nov.
Dec.
2005
A
B
C
D
E
F
G
H
J
K
L
M
2006
N
P
Q
R
S
T
U
V
W
X
Y
Z
2007
a
b
c
d
e
f
g
h
j
k
l
m
2008
n
p
q
r
s
t
u
v
w
x
y
z
Quartz Crystal · SS2 · Automotive Applications
in mm
Load Capacitance Codes
12.7±1.0
6.35±1.3
12.7±1.0
3.85±1.7
ø 4,0±0.2
0±2.0
Direction of feed
Taping Specification
12 pF: a
13 pF: v
14 pF: x
15 pF: j
16 pF: b
17 pF: t
30 pF: .
32 pF: e
series: s
T: 3rd OT
18 pF: f
20 pF: c
22 pF: g
24 pF: d
25 pF: r
27 pF: w
example 4.0 MHz / 12 pF: 4a000
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
ca. 3.5 °C/s
ca. 2.0 °C/s
ca. 5.0 °C/s
150
260
50
100
200
0
20
time (seconds)
60
100
140
180 220
Wave Soldering Profile


유사한 부품 번호 - Q14.0-SS2-12-20

제조업체부품명데이터시트상세설명
logo
Jauch Quartz Gmbh
Q14.0-SMU2-12-10 JAUCH-Q14.0-SMU2-12-10 Datasheet
175Kb / 2P
   SMD Quartz Crystal
Q14.0-SMU2-12-100 JAUCH-Q14.0-SMU2-12-100 Datasheet
175Kb / 2P
   SMD Quartz Crystal
Q14.0-SMU2-12-150 JAUCH-Q14.0-SMU2-12-150 Datasheet
175Kb / 2P
   SMD Quartz Crystal
Q14.0-SMU2-12-30 JAUCH-Q14.0-SMU2-12-30 Datasheet
175Kb / 2P
   SMD Quartz Crystal
Q14.0-SMU2-12-50 JAUCH-Q14.0-SMU2-12-50 Datasheet
175Kb / 2P
   SMD Quartz Crystal
More results

유사한 설명 - Q14.0-SS2-12-20

제조업체부품명데이터시트상세설명
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com