전자부품 데이터시트 검색엔진 |
|
Q120.0-MQ1-8-10 데이터시트(PDF) 1 Page - Jauch Quartz Gmbh |
|
Q120.0-MQ1-8-10 데이터시트(HTML) 1 Page - Jauch Quartz Gmbh |
1 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice RoHS 2002/95/EC Pb free: pins / pads RoHS compliant ESR (series resistance Rs) Quartz Crystal · MQ1 (UM-1) ■ high frequency stability ■ wave soldering temperature: 260 °C max. ■ package height 8.0 mm max. frequency vibration ESR max. ESR typ. in MHz mode in Ω in Ω 0.92 / 1.000 fund.- SL 3000 800 4.00 ~ 4.9999 fund.- AT 150 80 5.00 ~ 9.9999 fund.- AT 80 40 10.0 ~ 14.999 fund.- AT 40 20 15.0 ~ 40.000 fund.- AT 30 15 20.0 ~ 49.999 3rd OT - AT 80 40 50.0 ~ 105.00 3rd OT - AT 60 30 50.0 ~ 175.00 5th OT - AT 150 80 70.0 ~ 119.99 7th OT - AT 200 150 120.0 ~ 250.0 7th OT - AT 180 120 actual size General Data MQ1 ( UM-1 ) 0.9216 / 1.0 MHz* ( fund. SL-cut ) 4.00 ~ 40.00 MHz ( fund. AT-cut ) 20.0 ~ 105.0 MHz ( 3rd OT AT-cut ) 50.0 ~ 175.0 MHz ( 5th OT AT-cut ) 70.0 ~ 250.0 MHz ( 7th OT AT-cut ) ± 5 ppm ~ ± 30 ppm 8 pF ~ 32 pF or series < 7 pF -55 °C ~ +125 °C 500 µW (100 µW recommended) < ± 3 ppm first year type frequency range frequency tolerance at 25 °C load capacitance CL shunt capacitance Co storage temperature drive level max. aging 8.0 max. 12.7 min. 3.3±0.1 Dimensions in mm ± 3 ppm ± 5 ppm ± 10 ppm ± 30 ppm ± 50 ppm ± 100 ppm OO O OO • OO • OO O OO O OO O O Frequency Stability vs. Temperature note: taping specification – see www.jauch.de • standard O available blank = -20 °C ~ + 70 °C T1 = -40 °C ~ + 85 °C T2 = -40 °C ~ +105 °C T3 = -40 °C ~ +125 °C T4 = -40 °C ~ + 90 °C FU = for fundamental frequencies ≥ 20 MHz 3OT = 3rd overtone 5OT = 5th overtone 7OT = 7th overtone TR = taped MP = middle pin LL = lead length in mm PT = plastic tray Order Information Example: Q 30.0-MQ1-30-30/50-FU (Suffix LF = RoHS compliant / Pb free pins or pads) Q frequency type load capacitance in pF Quartz 0.9216 ~ 250.0 MHz MQ1 8 pF ~ 32 pF S for series ± 5 ~ ± 30 ppm ± 50 ppm for SL-cut ± 30 ppm std. ± 100 ppm for SL-cut option stability at 25 °C stability vs. temp. range Pin Type Crystal · 7.9 x 3.3 mm 131008 * other frequencies upon request 0 °C ~ +60 °C -20 °C ~ +70 °C STD. -40 °C ~ +85 °C T1 -40 °C ~ +90 °C T4 -40 °C ~ +105 °C T2 -40 °C ~ +125 °C T3 -10 °C ~ +60 °C SL -20 °C ~ +70 °C SL |
유사한 부품 번호 - Q120.0-MQ1-8-10 |
|
유사한 설명 - Q120.0-MQ1-8-10 |