전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP2630 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TLP2630
상세설명  Degital Logic Isolation Tele.Communication Analog Data Equipment Control Microprocessor System Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2630 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TLP2630 Datasheet HTML 1Page - Toshiba Semiconductor TLP2630 Datasheet HTML 2Page - Toshiba Semiconductor TLP2630 Datasheet HTML 3Page - Toshiba Semiconductor TLP2630 Datasheet HTML 4Page - Toshiba Semiconductor TLP2630 Datasheet HTML 5Page - Toshiba Semiconductor TLP2630 Datasheet HTML 6Page - Toshiba Semiconductor TLP2630 Datasheet HTML 7Page - Toshiba Semiconductor TLP2630 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP2630
2002-09-25
4
Switching Characteristics (Ta =25°C , VCC=5V)
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time to
low output level
tpHL
1
IF = 0®7.5mA, RL = 350Ω
CL = 15pF (each channel)
¾
60
75
ns
Propagation delay time to
high output level
tpLH
1
IF = 7.5mA®0, RL = 350Ω
CL = 15pF (each channel)
¾
60
75
ns
Output rise a time,output
fall time(10~90%)
tr,tf
1
IF = 0
7.5mA, RL = 350Ω
CL = 15pF (each channel)
¾
30
¾
ns
Common mode transient
immunity at high output
level
CMH
2
IF = 0, RL = 350Ω
VCM = 200V
VO(min.) = 2V
(each channel, Note 4)
¾
200
¾
V / µs
Common mode transient
immunity at low output
level
CML
2
IF = 7.5mA, RL = 350Ω
VCM = 200V
VO(max.) = 0.8V
(each channel, Note 5)
¾
-500
¾
V / µs
(Note 1) 2mm below seating plane.
(Note 2) The VCC supply voltage to each TLP2630 isolator must be bypassed by a 0.01µF capacitor or
larger.This can be either a ceramic or solid tantalum capacitor with good high frequency characteristic
and should be connected as close as possible to the package VCC and GND pins each device.
(Note 3) Device considered a two
-terminal device: Pins 1, 2, 3 and 4 shorted together, and pins 5, 6, 7 and 8
shorted together.
(Note 4) CMH・the maximum tolerable rate of rise of the common mode voltage to ensure the output will
remain in the high state(i.e., VOUT > 2.0V)
(Note 5) CML・the maximum tolerable rate of fall of the common mode voltage to ensure the output will remain
in the low output state(i.e., VOUT > 0.8V)
Measured in volts per microsecond(V / µs).
(Note 6) Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.


유사한 부품 번호 - TLP2630

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP2630 TOSHIBA-TLP2630 Datasheet
198Kb / 8P
   Analog Data Equipment Control
TLP2630 TOSHIBA-TLP2630_07 Datasheet
198Kb / 8P
   Analog Data Equipment Control
More results

유사한 설명 - TLP2630

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
6N137F TOSHIBA-6N137F Datasheet
184Kb / 8P
   Degital Logic Isolation Tele-Communication Analog Data Equipment Control
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
TLP2630 TOSHIBA-TLP2630_07 Datasheet
198Kb / 8P
   Analog Data Equipment Control
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
   Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
logo
Xilinx, Inc
DS583 XILINX-DS583 Datasheet
658Kb / 15P
   System ACE Microprocessor Interface
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com