전자부품 데이터시트 검색엔진 |
|
O125.0-VX3PP 데이터시트(PDF) 1 Page - Jauch Quartz Gmbh |
|
O125.0-VX3PP 데이터시트(HTML) 1 Page - Jauch Quartz Gmbh |
1 / 2 page Jauch Quartz GmbH • e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com All specifications are subject to change without notice RoHS 2002/95/EC Pb free: pins / pads RoHS compliant Oscillator · VX3 · 2.8 V actual size SMD Oscillator with Stop Function · 7.0 x 5.0 mm ■ preferred type for extended temperature range ■ reflow soldering temperature: 260 °C max. ■ full ceramic package 7.0±0.2 5.08±0.1 1.4±0.1 # 4 # 3 # 1 # 2 5.08±0.1 1.8±0.1 # 3 # 4 # 2 # 1 in mm top view side view bottom view pad layout Dimensions pin connection # 1: e/d # 2: ground # 3: output # 4: VDC Table 1: Type stability ± 100 ppm ± 50 ppm ± 30 ppm ± 25 ppm ± 20 ppm type VX3 P N PH NH PS NS PQ NQ PP NP output load 15 pF 30 pF 15 pF 30 pF 15 pF 30 pF 15 pF 30 pF 15 pF 30 pF -10 °C ~ +70 °C OO O O O O O O ΔΔ -40 °C ~ +85 °C OO O O O O O O • standard O available Δ excludes aging Table 2: Current Consumption max. 0.5 ~ 33.9 MHz 8 mA 34.0 ~ 49.9 MHz 12 mA 50.0 ~ 79.9 MHz 18 mA 80.0 ~ 99.9 MHz 30 mA 100.0 ~ 124.9 MHz 40 mA 125.0 ~ 165.0 MHz 60 mA 0.5 ~ 19.9 MHz 10 mA 20.0 ~ 49.9 MHz 20 mA 50.0 ~ 79.9 MHz 25 mA 80.0 ~ 100.0 MHz 35 mA Current at 15pF load Current at 30pF load Table 3: Rise & Fall Time max. 8.0 ns: 0.5 ~ 1.79 MHz 6.0 ns: 1.8 ~ 79.99 MHz 5.0 ns: 80.0 ~ 99.99 MHz 3.0 ns: 100.0 ~ 165.00 MHz note: - specific data on request - rise time: 0.1 VDC ~ 0.9 VDC - fall time: 0.9 VDC ~ 0.1 VDC General Data type frequency range frequency stability over all* current consumption supply voltage VDC temperature operating storage output rise & fall time load max current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function standby current max. phase jitter 12 kHz ~ 20.0 MHz symmetry at 0.5 x VDC VX3 2.8V 0.50 ~ 165.0 MHz (15pF max.) 0.50 ~ 100.0 MHz (30pF max.) ± 20ppm ~ ± 100ppm (table 1) see table 2 2.8V ± 5% -10 °C ~ +70 °C / -40 °C ~ +85 °C -55 °C ~ +125 °C see table 3 15pF / 30pF 8mA 0.1 x VDC 0.9 x VDC 10ms 200ns 10ms stop 10µA < 1.0ps RMS 45% ~ 55% typ. (40% ~ 60% max.) Order Information Example: O 20.0-VX3PH (LF = RoHS compliant / Pb free pins or pads) O frequency type option Oscillator 0.5 ~ 165.0 MHz VX3P-VX3NP see table 1 blank = -10 °C ~ +70 °C T1 = -40 °C ~ +85 °C Packing Note – standard packing units are 500 pieces per reel – non-multiple packing units are only supplied taped / bulk * includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year. |
유사한 부품 번호 - O125.0-VX3PP |
|
유사한 설명 - O125.0-VX3PP |