전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST3011 데이터시트(PDF) 4 Page - Sitronix Technology Co., Ltd.

부품명 ST3011
상세설명  Audio Decoder/Encoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3011 데이터시트(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST3011 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST3011 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3011 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3011 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3011 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3011 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3011 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3011 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3011 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ST3011
Ver 0.2
4/13
2007-06-14
VDD25
2
I
2.5V power
VSS25
2
I
2.5V power ground
VDD33
2
I
3.3V power
VSS33
2
I
3.3V power ground
REGVDD33
1
I
Digital power input of regulator
REGVSS33
1
I
Digital power ground of regulator
PLLVDD25
1
I
Digital power input of PLL
PLLVSS25
1
I
Digital power ground of PLL
PLLVDD25A
1
I
Analog power input of PLL
PLLVSS25A
1
I
Analog power ground of PLL
DACVDD33A
1
I
Analog power input of DAC
DACVSS33A
1
I
Analog power ground of DAC
DACOVDD33A
2
I
Analog power input of DAC output stage
Power
DACOVSS33A
2
I
Analog power ground of DAC output stage
VCCOUT
1
O
2.5V output of regulator
Regulator
VREF
1
O
Voltage reference
DACO
2
O
DAC direct drive pin(+)
DACOB
2
O
DAC direct drive pin(-)
DAC
VCM
1
O
Common mode voltage reference


유사한 부품 번호 - ST3011

제조업체부품명데이터시트상세설명
logo
Sitronix Technology Co....
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
logo
Microsemi Corporation
ST30100 MICROSEMI-ST30100 Datasheet
160Kb / 3P
   Silicon Dual Power Rectifier
logo
Sangdest Microelectroni...
ST30100 SMC-ST30100 Datasheet
113Kb / 6P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
ST30100 ISC-ST30100 Datasheet
290Kb / 2P
   Schottky Barrier Rectifier
logo
SMC Diode Solutions Co....
ST30100 SMCDIODE-ST30100 Datasheet
361Kb / 7P
   SCHOTTKY RECTIFIER
Rev. C
More results

유사한 설명 - ST3011

제조업체부품명데이터시트상세설명
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com