전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7565S 데이터시트(PDF) 2 Page - Sitronix Technology Co., Ltd.

부품명 ST7565S
상세설명  65 x 132 Dot Matrix LCD Controller/Driver
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565S 데이터시트(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7565S Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
ST7565S
Ver 0.6c
2/72
2009/09/07
S
ST
T7
75
56
65
5S
S P
Pa
ad
d A
Arrrra
an
ng
ge
em
me
en
ntt((C
CO
OG
G))
Chip Size
9,336
µm x 1,000µm
Bump Pitch
58
µm (Min.)
Bump Height
18
µm(Typ)
Chip Thickness
635
µm
PAD No
Bump Size
001 ~ 012
40
µm x 90µm
013 ~ 102
56
µm x 60µm
103 ~ 114
40
µm x 90µm
115
90
µm x 25.5µm
116 ~ 128
90
µm x 40µm
129 ~ 276
40
µm x 90µm
277 ~ 289
90
µm x 40µm
290
90
µm x 25.5µm
Use select pin to define display duty as following table
SEL 3 , 2 , 1
DUTY
BIAS
0 , 0 , 0
1/65
1/9 or 1/7
0 , 0 , 1
1/49
1/8 or 1/6
0 , 1 , 0
1/33
1/6 or 1/5
0 , 1 , 1
1/55
1/8 or 1/6
1 , 0 , 0
1/53
1/8 or 1/6
1, X , X
-----
-----


유사한 부품 번호 - ST7565S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
   65 x 132 Dot Matrix LCD Controller/Driver
More results

유사한 설명 - ST7565S

제조업체부품명데이터시트상세설명
logo
Sitronix Technology Co....
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
   65 x 132 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
   65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
   132 x 39 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
   81 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
   132 x 33 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com