전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST8008 데이터시트(PDF) 7 Page - Sitronix Technology Co., Ltd.

부품명 ST8008
상세설명  80 Output LCD Segment Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8008 데이터시트(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST8008 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ST8008
V0.3
7/21
2004/04/05
INPUT/OUTPUT CIRCUITS
I
V D D
T o In te rn a l C irc u it
V s s (0 V )
A p p lic a b le P in s
X D IS P O F F , D I3~ D I0 ,
L P , F R , P /S ,L /R
Input Circuit
V DD
I /O
To Internal
Circuit
Vss (0V)
Vss (0V)
Control Signal
Vss (0V)
V DD
Output Signal
Control Signal
Application Pins
EIO 1 , EIO 2
Input/Output Circuit


유사한 부품 번호 - ST8008

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CD STMICROELECTRONICS-ST8004CD Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
845Kb / 26P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
   Smartcard interface
More results

유사한 설명 - ST8008

제조업체부품명데이터시트상세설명
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1514 SHARP-LH1514 Datasheet
987Kb / 20P
   80 OUTPUT LCD SEGMENT DRIVER
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
Sitronix Technology Co....
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
   120 Output LCD Segment driver IC
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
   96 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com