전자부품 데이터시트 검색엔진 |
|
CB3216UA121 데이터시트(PDF) 8 Page - SAMWHA ELECTRIC |
|
CB3216UA121 데이터시트(HTML) 8 Page - SAMWHA ELECTRIC |
8 / 8 page SAMWHA ELECTRONICS CO., LTD http://www.samwha.com/chip This description in the this catalogue is subject to change without notice DPS-081104 CHIP BEADS Soldering Profile 2 sec. max. 150 v Reflow Soldering v Flow Soldering v Manual Soldering Cooling Soldering Pre - heating 150 60~120 sec. 10 sec. max. 60 sec. min. 245±5℃ 180 230 30~60 sec. Cooling Soldering Pre - heating 250 60 sec. min. 10 sec. max. 60 sec. min. 250±5℃ 180 300 Tc Soldering Iron : 30W max. Diameter of soldering iron : 1.2 mm max. |
유사한 부품 번호 - CB3216UA121 |
|
유사한 설명 - CB3216UA121 |