전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBA3216GM301N4 데이터시트(PDF) 3 Page - SAMWHA ELECTRIC

부품명 CBA3216GM301N4
상세설명  BEADS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMWHA [SAMWHA ELECTRIC]
홈페이지  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CBA3216GM301N4 데이터시트(HTML) 3 Page - SAMWHA ELECTRIC

  CBA3216GM301N4 Datasheet HTML 1Page - SAMWHA ELECTRIC CBA3216GM301N4 Datasheet HTML 2Page - SAMWHA ELECTRIC CBA3216GM301N4 Datasheet HTML 3Page - SAMWHA ELECTRIC CBA3216GM301N4 Datasheet HTML 4Page - SAMWHA ELECTRIC CBA3216GM301N4 Datasheet HTML 5Page - SAMWHA ELECTRIC CBA3216GM301N4 Datasheet HTML 6Page - SAMWHA ELECTRIC CBA3216GM301N4 Datasheet HTML 7Page - SAMWHA ELECTRIC CBA3216GM301N4 Datasheet HTML 8Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SAMWHA ELECTRONICS CO., LTD
v 3216 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
DPS-081104
CHIP BEADS ARRAY
1
10
100
1000
0
25
50
75
100
X
R
Z
CBA 3216 GA 600 N4
Frequency [MHz]
1
10
100
1000
0
50
100
150
200
X
R
Z
CBA 3216 GA 121 N4
Frequency [MHz]
1
10
100
1000
0
15
30
45
60
X
R
Z
CBA 3216 GA 300 N4
Frequency [MHz]
1
10
100
1000
0
75
150
225
300
X
R
Z
CBA 3216 GA 221 N4
Frequency [MHz]
1
10
100
1000
0
100
200
300
400
X
R
Z
CBA 3216 GA 301 N4
Frequency [MHz]
1
10
100
1000
0
200
400
600
800
X
R
Z
CBA 3216 GA 601 N4
Frequency [MHz]
1
10
100
1000
0
300
600
900
1200
X
R
Z
CBA 3216 GA 102 N4
Frequency [MHz]
1
10
100
1000
0
60
120
180
240
X
R
Z
CBA 3216 GK 121 N4
Frequency [MHz]
1
10
100
1000
0
100
200
300
400
X
R
Z
CBA 3216 GK 221 N4
Frequency [MHz]
1
10
100
1000
0
200
400
600
X
R
Z
CBA 3216 GK 301 N4
Frequency [MHz]
1
10
100
1000
0
200
400
600
800
X
R
Z
CBA 3216 GK 471 N4
Frequency [MHz]
1
10
100
1000
0
250
500
750
1000
X
R
Z
CBA 3216 GK 601 N4
Frequency [MHz]


유사한 부품 번호 - CBA3216GM301N4

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CBA3750BKAHS VISHAY-CBA3750BKAHS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAHW VISHAY-CBA3750BKAHW Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAKS VISHAY-CBA3750BKAKS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAKW VISHAY-CBA3750BKAKW Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKGHS VISHAY-CBA3750BKGHS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
More results

유사한 설명 - CBA3216GM301N4

제조업체부품명데이터시트상세설명
logo
Central Technologies
CTCBA1206F CT-CTCBA1206F Datasheet
227Kb / 2P
   Chip Array Ferrite Beads
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
   Chip Array Ferrite Beads
Revision: 17-Aug-17
ILAS1206ER102V VISHAY-ILAS1206ER102V Datasheet
118Kb / 3P
   Chip Array Ferrite Beads
Revision: 16-Jan-06
ILAS-1206 VISHAY-ILAS-1206_V01 Datasheet
117Kb / 3P
   Chip Array Ferrite Beads
01-Jan-2022
logo
Sumida Corporation
SHB-4-2010 SUMIDA-SHB-4-2010 Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
SHB-4-3216 SUMIDA-SHB-4-3216 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads Array
logo
Superworld Electronics
A4K_SERIES SUPERWORLD-A4K_SERIES Datasheet
240Kb / 7P
   FERRITE CHIP BEADS 4 LINE ARRAY
A4K300-RE-10 SUPERWORLD-A4K300-RE-10 Datasheet
414Kb / 9P
   FERRITE CHIP BEADS 4 LINE ARRAY
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
logo
TDK Electronics
MZA2010 TDK-MZA2010 Datasheet
76Kb / 3P
   EMC Components Ferrite Beads SMD Array
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com