전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB2012UA101 데이터시트(PDF) 1 Page - SAMWHA ELECTRIC

부품명 CB2012UA101
상세설명  Ultra Power Line Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMWHA [SAMWHA ELECTRIC]
홈페이지  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB2012UA101 데이터시트(HTML) 1 Page - SAMWHA ELECTRIC

  CB2012UA101 Datasheet HTML 1Page - SAMWHA ELECTRIC CB2012UA101 Datasheet HTML 2Page - SAMWHA ELECTRIC CB2012UA101 Datasheet HTML 3Page - SAMWHA ELECTRIC CB2012UA101 Datasheet HTML 4Page - SAMWHA ELECTRIC CB2012UA101 Datasheet HTML 5Page - SAMWHA ELECTRIC CB2012UA101 Datasheet HTML 6Page - SAMWHA ELECTRIC CB2012UA101 Datasheet HTML 7Page - SAMWHA ELECTRIC CB2012UA101 Datasheet HTML 8Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SAMWHA ELECTRONICS CO., LTD
v Applications
v Features
v Dimensions
Ultra Power Line Series
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
• PDP/LCD Monitor, Digital TV/VCR etc.
L
W
T
B
(unit : mm)
• High Current characteristics
• Low Rdc characteristics
• Good reliability (Monolithic structure)
• Magnetically shielded
• Fast mounting speed
• RoHS compliant
v General Code
Series Code
CB : Chip Ferrite Beads
Dimension Code
The first two digits : length(mm)
The last two digits : width(mm)
Application Code
G : Signal Line
P : High Current Line
U : Ultra High Current Line
Material Code
A: General Frequency
K,J: Medium Frequency
M: High Frequency
V: Very High Frequency
Impedance Value Code
The first two digits represents significant
The last digit is the number of zeros following
ex) 300 = 30 (Ω)
Packaging Code
T : Reel paper packaging
E : Reel embossed tape packaging
CB
1
2012
U
300
T
2
3
5
6
1
2
3
4
5
6
A
4
v Temperature Range
• Operating Temp. -55 ~ +125℃
• Storage Temp. -10 ~ +40 ℃
v Typical Material Characteristics
A
J,K
M
V
High μ
Low μ
(Low RXCP)
(High RXCP)
DPS-081104
CHIP BEADS
0.85±0.2
0.5±0.3
1.3±0.20
1.6±0.20
4.5±0.25
4516
0.25±0.1
0.5±0.10
0.5±0.10
1.0±0.10
1005
0.5±0.3
1.1±0.20
1.6±0.20
3.2±0.20
3216
0.3±0.2
0.8±0.15
0.8±0.15
1.6±0.15
1608
0.5±0.3
1.25±0.2
2.0±0.20
2012
1.5±0.25
T
0.5±0.3
3.2±0.25
4.5±0.25
4532
B
W
L
Size


유사한 부품 번호 - CB2012UA101

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
CB20120207A7 EATON-CB20120207A7 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207A9 EATON-CB20120207A9 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207AB EATON-CB20120207AB Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207B7 EATON-CB20120207B7 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207B9 EATON-CB20120207B9 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
More results

유사한 설명 - CB2012UA101

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
AVRX750U TRIPPLITE-AVRX750U Datasheet
523Kb / 4P
   AVR Series 750VA Ultra-compact Line-Interactive
logo
Murata Manufacturing Co...
LXES03AAA1-134 MURATA-LXES03AAA1-134 Datasheet
151Kb / 2P
   Ultra High-speed Transmission Line
LXES03AAA1-154 MURATA-LXES03AAA1-154 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-153 MURATA-LXES15AAA1-153 Datasheet
150Kb / 2P
   Ultra High-speed Transmission Line
LXES1UBAB1-007 MURATA-LXES1UBAB1-007 Datasheet
154Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-133 MURATA-LXES15AAA1-133 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES03TBB1-141 MURATA-LXES03TBB1-141 Datasheet
154Kb / 2P
   Ultra High-speed Transmission Line
LXESEABAA6-046 MURATA-LXESEABAA6-046 Datasheet
157Kb / 2P
   Ultra High-speed Transmission Line
logo
List of Unclassifed Man...
PT12210 ETC1-PT12210 Datasheet
106Kb / 1P
   122 Series Power Line Chokes
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com