전자부품 데이터시트 검색엔진 |
|
CB2012UA300 데이터시트(PDF) 5 Page - SAMWHA ELECTRIC |
|
CB2012UA300 데이터시트(HTML) 5 Page - SAMWHA ELECTRIC |
5 / 8 page SAMWHA ELECTRONICS CO., LTD http://www.samwha.com/chip This description in the this catalogue is subject to change without notice 5.0 3.8 3.6 1.5 4532 5.0 3.0 3.6 1.5 4516 5.0 3.0 1.5 1.3 3216 4.0 1.3 1.0 1.0 2012 2.0 1.3 0.8 1.0 1608 ITEM 1005 0.7 0.5 B (mm) 0.7 0.7 W (kgf) C (mm) A (mm) No mechanical damage Flexure strength 1. No mechanical damage 2. Impedance shall not change more than ±30 % Temperature : 40 ± 2 ℃ Humidity : 90 ± 2 % RH Applied current : rated current Time : 500 ± 12 hours Measurement at room ambient temperature after placing for 24 hours Humidity load resistance Temperature : -55 ± 3 ℃ Time : 1000 ± 12 hours Measurement at room ambient temperature after placing for 24 hours Low temperature resistance 1. -55 ± 3℃ for 30 minutes 2.125 ± 3 ℃ for 30 minutes 3. repeat 100 cycle Thermal shock The terminal electrode shall be neither break off nor the chip damage Drop 10 times on a concrete floor from a height of 100 cm Drop Bending strength Frequency : 10 ~ 55 Hz Amplitude : 1.5 mm Direction : X, Y, Z Sweep time : 2 hours for each axis Vibration Test Conditions Requirements Item 20 50 R340 W 2 mm Resistance meter Reliability & Test Condition DPS-081104 CHIP BEADS W A B C R0.5 A |
유사한 부품 번호 - CB2012UA300 |
|
유사한 설명 - CB2012UA300 |