전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB3216PA350 데이터시트(PDF) 9 Page - SAMWHA ELECTRIC

부품명 CB3216PA350
상세설명  BEADS, For Power Line
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMWHA [SAMWHA ELECTRIC]
홈페이지  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB3216PA350 데이터시트(HTML) 9 Page - SAMWHA ELECTRIC

Back Button CB3216PA350 Datasheet HTML 5Page - SAMWHA ELECTRIC CB3216PA350 Datasheet HTML 6Page - SAMWHA ELECTRIC CB3216PA350 Datasheet HTML 7Page - SAMWHA ELECTRIC CB3216PA350 Datasheet HTML 8Page - SAMWHA ELECTRIC CB3216PA350 Datasheet HTML 9Page - SAMWHA ELECTRIC CB3216PA350 Datasheet HTML 10Page - SAMWHA ELECTRIC CB3216PA350 Datasheet HTML 11Page - SAMWHA ELECTRIC CB3216PA350 Datasheet HTML 12Page - SAMWHA ELECTRIC CB3216PA350 Datasheet HTML 13Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
Reliability & Test Condition
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
Temperature : 125
± 3 ℃
Applied current : rated current
Time : 1000
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
High temperature
load resistance
Temperature : 40
± 2 ℃
Humidity : 90
± 2 % RH
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Humidity
resistance
Preheat temperature : 150 ℃
Preheat time : 60 sec.
Solder temperature : 245
± 5 ℃
Soldering time : 10 sec. max.
(Reflow soldering profile)
More than 50% of the terminal electrode
shall be covered with new solder
Reflow soldering
at packing condition
40 ℃ max., 70% RH max.
Storage
temperature range
Preheat temperature : 100 ~ 150 ℃
Preheat time : 60 sec.
Solder temperature : 245
± 5 ℃
Soldering time : 10
± 1 sec.
More than 90% of the terminal electrode shall be
covered with new solder
Solderability
Preheat temperature : 100 ~ 150 ℃
Preheat time : 60 sec.
Solder temperature : 270
± 10 ℃
Soldering time : 10
± 0.5 sec.
1. No damage such as cracks should be
caused in chip element
2. More than 75% of the terminal electrode
shall be covered with new solder
3. Impedance shall not change
more than ±30 %
Resistance to
soldering heat
Temperature : 125
± 3 ℃
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
1. No mechanical damage
2. Impedance shall not change more than ±30 %
High temperature
resistance
-
- 55 ℃ ~ + 125 ℃
Operating
temperature range
Test Conditions
Requirements
Item
ST ≥
CT
1
2
CT
ST
DPS-081104
CHIP BEADS


유사한 부품 번호 - CB3216PA350

제조업체부품명데이터시트상세설명
logo
SAMWHA ELECTRIC
CB3216GA102 SAMWHA-CB3216GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA121 SAMWHA-CB3216GA121 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA151 SAMWHA-CB3216GA151 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA201 SAMWHA-CB3216GA201 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA301 SAMWHA-CB3216GA301 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

유사한 설명 - CB3216PA350

제조업체부품명데이터시트상세설명
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com