전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA1608C0G104D100NBB 데이터시트(PDF) 7 Page - SAMWHA ELECTRIC

부품명 SA1608C0G104D100NBB
상세설명  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMWHA [SAMWHA ELECTRIC]
홈페이지  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SA1608C0G104D100NBB 데이터시트(HTML) 7 Page - SAMWHA ELECTRIC

Back Button SA1608C0G104D100NBB Datasheet HTML 3Page - SAMWHA ELECTRIC SA1608C0G104D100NBB Datasheet HTML 4Page - SAMWHA ELECTRIC SA1608C0G104D100NBB Datasheet HTML 5Page - SAMWHA ELECTRIC SA1608C0G104D100NBB Datasheet HTML 6Page - SAMWHA ELECTRIC SA1608C0G104D100NBB Datasheet HTML 7Page - SAMWHA ELECTRIC SA1608C0G104D100NBB Datasheet HTML 8Page - SAMWHA ELECTRIC SA1608C0G104D100NBB Datasheet HTML 9Page - SAMWHA ELECTRIC SA1608C0G104D100NBB Datasheet HTML 10Page - SAMWHA ELECTRIC SA1608C0G104D100NBB Datasheet HTML 11Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Multi Layer Ceramic Capacitors
17
SMD Type-High Voltage
SAMWHA CAPACITOR Co., Ltd.
16
COG-Temperature Compensation Type
Appendix High Voltage Type(100V~3000V)
1608(0603) 2012(0805)
3216(1206)
3225(1210)
4520(1808)
4532(1812)
100 250 100 250 100 250 630 1000 2000 100 250 630 1000 2000 100 250 630 1000 2000 3000 100 250 630 1000 2000 3000
Type
Size(inch)
Cap.
4.7㎊(4R7)
5㎊(050)
7㎊(070)
8㎊(080)
9㎊(090)
10㎊(100)
12㎊(120)
15㎊(150)
18㎊(180)
22㎊(220)
47㎊(470)
56㎊(560)
68㎊(680)
82㎊(820)
100㎊(101)
220㎊(221)
330㎊(331)
470㎊(471)
560㎊(561)
680㎊(681)
1000㎊(102)
1500㎊(152)
2200㎊(222)
2700㎊(272)
3300㎊(332)
4700㎊(472)
5600㎊(562)
6800㎊(682)
10000㎊(103)
15000㎊(153)
22000㎊(223)
33000㎊(333)
Volt(V)
High voltage type
C0G
X7R-High Dielectric Type
1608(0603) 2012(0805)
3216(1206)
3225(1210)
4520(1808)
4532(1812)
100 250 100 250 100 250 630 1000 2000 100 250 630 1000 2000 100 250 630 1000 2000 3000 100 250 630 1000 2000 3000
Type
Size(inch)
Cap.
220㎊(221)
330㎊(331)
470㎊(471)
680㎊(681)
1000㎊(102)
1500㎊(152)
2200㎊(222)
3300㎊(332)
4700㎊(472)
5600㎊(562)
6800㎊(682)
10000㎊(103)
15000㎊(153)
18000㎊(183)
22000㎊(223)
33000㎊(333)
47000㎊(473)
68000㎊(683)
0.1㎌(104)
0.15㎌(154)
0.22㎌(224)
0.33㎌(334)
0.47㎌(474)
0.68㎌(684)
1.0㎌(105)
2.2㎌(225)
Volt(V)
High voltage type
X7R


유사한 부품 번호 - SA1608C0G104D100NBB

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA160 PANJIT-SA160 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
SA160 PANJIT-SA160 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
Taiwan Semiconductor Co...
SA160 TSC-SA160 Datasheet
645Kb / 5P
   500 Watts Transient Voltage Suppressor Diodes
logo
GOOD-ARK Electronics
SA160 GOOD-ARK-SA160 Datasheet
410Kb / 6P
   Transient Voltage Suppressors
logo
Won-Top Electronics
SA160 WTE-SA160 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SA1608C0G104D100NBB

제조업체부품명데이터시트상세설명
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com