전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB13053R5YL 데이터시트(PDF) 2 Page - ABC Taiwan Electronics Corp

부품명 SB13053R5YL
상세설명  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABC [ABC Taiwan Electronics Corp]
홈페이지  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB13053R5YL 데이터시트(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB13053R5YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB13053R5YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB13053R5YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB13053R5YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB13053R5YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB13053R5YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB13053R5YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4
AE-001A
10
-1
10
0
101
10
102
10
3
10
330
DC Current ( A )
0
10
100
3R5
1
10
101
331
2
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
SMD POWER INDUCTOR
1). □:Packaging Information… A:Bulk B:Taping Reel
@ Inductance VS. DC Superposition Characteristics
15.0±20%
SB1305150ML□-□□□
470.0±10%
SB1305471KL□-□□□
2)."-
":Reference code
SB1305681KL□-□□□
SB1305102KL□-□□□
4). Isat base on
L/L0A=25% typ.
3). Irms base on temp. rise 40
max.
□□
680.0±10%
1000.0±10%
SB1305330ML□-□□□
SB1305220ML□-□□□
SB1305470ML□-□□□
SB1305680ML□-□□□
SB1305101KL□-□□□
SB1305151KL□-□□□
SB1305331KL□-□□□
SB1305221KL□-□□□
330.0±10%
150.0±10%
220.0±10%
100.0±10%
33.0±20%
47.0±20%
68.0±20%
22.0±20%
NAME
PROD.
REF :
SB13052R5YL□-□□□
SB13053R5YL□-□□□
SB13056R8YL□-□□□
SB13054R6YL□-□□□
SB1305100ML□-□□□
DWG No.
10.0±20%
6.8±25%
4.6±25%
3.5±25%
2.5±25%
(uH)
L
25
2.52
46
3.70
3.30
100K/10mV
24.0
10
0.796
100K/10mV
4.0
100K/10mV
100K/10mV
32
10
0.252
0.796
2.7
3.5
100K/10mV
100K/10mV
100K/10mV
100K/10mV
15
10
15
18
100K/10mV
100K/10mV
100K/10mV
100K/10mV
22
20
20
26
0.796
0.796
0.796
0.796
7.0
6.0
11.0
8.0
2.52
2.52
2.52
2.52
16.0
13.0
11.0
20.0
0.70
0.67
1150
0.58
0.47
0.60
0.46
2350
1400
0.95
0.80
1.15
3.00
2.60
2.00
1.80
1.40
0.85
1.00
1.20
1.40
500
700
380
255
2.50
1.65
1.90
2.90
85
165
130
62
SB1305□□□□L□-□□□
( mΩ )
Test Freq.
100K/10mV
100K/10mV
100K/10mV
100K/10mV
18
25
20
18
100K/10mV
20
ref.
Q
L
(Hz)
7.96
2.52
7.96
7.96
32.0
27.0
43.0
35.0
Q
7.96
(MHz)
( MHz )
typ.
61.0
SRF
ABC'S DWG NO.
ABC'S ITEM NO.
4.40
Isat
8.00
7.00
6.00
5.20
(A)
3.60
4.30
5.20
6.00
24
37
18
16
7.20
Irms
14
max.
RDC
(A)
PAGE: 2


유사한 부품 번호 - SB13053R5YL

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
Pan Jit International I...
SB130 PANJIT-SB130 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Shanghai Shunye Electro...
SB130 SHUNYE-SB130 Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
SAMYANG ELECTRONICS CO....
SB130 SAMYANG-SB130 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB13053R5YL

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com