전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB10054R7ML 데이터시트(PDF) 1 Page - ABC Taiwan Electronics Corp

부품명 SB10054R7ML
상세설명  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABC [ABC Taiwan Electronics Corp]
홈페이지  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB10054R7ML 데이터시트(HTML) 1 Page - ABC Taiwan Electronics Corp

  SB10054R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB10054R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB10054R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB10054R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB10054R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB10054R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB10054R7ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SB10054R7ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a
d﹒Resistance to solser heat:260℃. 10 secs.
c﹒Operating temp.:-40℃ ~ +105℃
a﹒Temp. rise:15℃ typ.
Ⅳ﹒GENERAL SPECIFICATION:
b﹒Storage temp.:-40℃ ~ +125℃
f﹒Solder wire:Sn97/Cu3 Alloys
d﹒Terminal:Cu/Ni/Sn
c﹒Base:DAP Base
b﹒Wire:Enamelled copper wire (class F)
a﹒Core:Ferrite DR core
e﹒Adhesive:Epoxy resin
g﹒Remark:Products comply with RoHS'
AR-001A
Time ( seconds )
Rising Area
+4.0
/ sec max.
Temperature
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
requirements
50
0
100
200
150
250
/ sec max.
100
50
150
70sec max.
200
250
Peak Temperature:
50sec max.
260℃
230℃
+2.0 ~ 4.0℃
R eflow Area
de
150 ~ 200
/ 60 ~ 120sec
Preheat Area
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
c
b
Ⅲ﹒MATERIALS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
REF : 20091110-B
dot is start winding
Marking
& Inductance code
PROD.
NAME
B
m/m
F
:
7.6±0.3
F
D
D
I
I
G
( PCB Pattern )
I
:
3.0
ref.
H
:
2.8
ref.
G
:
7.3
ref.
m/m
m/m
m/m
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
101
SMD POWER INDUCTOR
A
:
10.0±0.3
E
:
2.2
ref.
D
:
2.4±0.2
C
:
5.0±0.3
B
:
12.7±0.3
m/m
m/m
m/m
m/m
m/m
SB1005□□□□L□-□□□
PAGE: 1


유사한 부품 번호 - SB10054R7ML

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
SB100594WE1 MACOM-SB100594WE1 Datasheet
5Mb / 85P
   tyco electronics contents
More results

유사한 설명 - SB10054R7ML

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com