전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS7009 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 TS7009
상세설명  10 BASE-T SMD TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS7009 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  TS7009 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
10 BASE-T SMD TRANSFORMER
P/N: TS7009 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A3(02/06)
Feature
16 PIN SMD isolation modules to meet the isolation and
impedance matching requirements of IEEE 802.3 for10
BASE-T.
Operating temperature range : 0℃ to +70℃.
Storage temperature range: -25℃to +125℃.
Electrical Specifications @ 25°C
Turns Ratio (±3%)
Part
Number
1-3:16-14
6-8:11-9
OCL
(uH±20%)
HI-POT
(Vrms)
TS7009
1CT: 1CT
1CT: 1CT
100
2000
Continue
Part
Number
CW/W
(pF Max)
L.L
(uH Max)
DCR PRI
(Ω Max)
Insulation
Resistance(MΩ)
TS7009
9
0.30
0.30
10,000
Schematic
Mechanical


유사한 부품 번호 - TS7009

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TS7001IM8 SILABS-TS7001IM8 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Touchstone Semiconducto...
TS7001IM8T TOUCHSTONE-TS7001IM8T Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001IM8T SILABS-TS7001IM8T Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
More results

유사한 설명 - TS7009

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
TS7008 BOTHHAND-TS7008 Datasheet
286Kb / 1P
   10 BASE-T SMD TRANSFORMER
TS7008LF BOTHHAND-TS7008LF Datasheet
286Kb / 1P
   10 BASE-T SMD TRANSFORMER
TS800-06LF BOTHHAND-TS800-06LF Datasheet
72Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS150-06 BOTHHAND-TS150-06 Datasheet
198Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7010 BOTHHAND-TS7010 Datasheet
200Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7011A BOTHHAND-TS7011A Datasheet
191Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7022B BOTHHAND-TS7022B Datasheet
201Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7025A BOTHHAND-TS7025A Datasheet
199Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
TS100-06 BOTHHAND-TS100-06 Datasheet
27Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
16ST7011 BOTHHAND-16ST7011_1 Datasheet
187Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com