전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS8010LF 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 TS8010LF
상세설명  10 BASE-T SMD ETHERNET TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS8010LF 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  TS8010LF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10 BASE-T SMD ETHERNET TRANSFORMER
P/N:TS8010 LF DATA SHEET
Page :1/1
Feature
l
16 PIN SMD package to compliant with IEEE 802.3
standard.
l
With common choke to meet FCC Class B & CISPR B.
l
Model is available to interface with 10 BASE-T transceivers.
l
Compatible with IR oven processes.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Comply with Air reflow profile of JEDEC 020C.
l
Operating temperature range: 0
°C to +70°C.
l
Storage temperature range: -25
°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
Part
Number
(1-3):(16-14)
(6-8):(11-9)
Pri OCL
(uH Min)
L.L
(uH Max)
CW/W
(pF Max)
Pri DCR
(O Max)
HI-POT
(Vrms)
PRI Pins
TS8010 LF
1CT: 1CT
1CT: 1.414CT
140
0.40
20
0.90
2000
(1-3)&(6-8)
Schematic
Mechanical
Bothhandusa.com
TS8010 LF


유사한 부품 번호 - TS8010LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
TS8011BMLF BOTHHAND-TS8011BMLF Datasheet
76Kb / 1P
   10 BASE-T SMD ISOLATION TRANSFORMER
TS8013BLF BOTHHAND-TS8013BLF Datasheet
77Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS8019 BOTHHAND-TS8019 Datasheet
248Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS8019-HF BOTHHAND-TS8019-HF Datasheet
248Kb / 2P
   IEEE 802.3/ANSI X3.263 compliant performance
TS8019LF BOTHHAND-TS8019LF Datasheet
78Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
More results

유사한 설명 - TS8010LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
TS800-06LF BOTHHAND-TS800-06LF Datasheet
72Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS150-06 BOTHHAND-TS150-06 Datasheet
198Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7010 BOTHHAND-TS7010 Datasheet
200Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7011A BOTHHAND-TS7011A Datasheet
191Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7022B BOTHHAND-TS7022B Datasheet
201Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7025A BOTHHAND-TS7025A Datasheet
199Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
TS100-06 BOTHHAND-TS100-06 Datasheet
27Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
16ST7011 BOTHHAND-16ST7011_1 Datasheet
187Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS6121B BOTHHAND-TS6121B Datasheet
40Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
TS7022CM BOTHHAND-TS7022CM Datasheet
423Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS8022LF BOTHHAND-TS8022LF Datasheet
72Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com