전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBK025A0B41-PH 데이터시트(PDF) 10 Page - Lineage Power Corporation

부품명 QBK025A0B41-PH
상세설명  36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBK025A0B41-PH 데이터시트(HTML) 10 Page - Lineage Power Corporation

Back Button QBK025A0B41-PH Datasheet HTML 6Page - Lineage Power Corporation QBK025A0B41-PH Datasheet HTML 7Page - Lineage Power Corporation QBK025A0B41-PH Datasheet HTML 8Page - Lineage Power Corporation QBK025A0B41-PH Datasheet HTML 9Page - Lineage Power Corporation QBK025A0B41-PH Datasheet HTML 10Page - Lineage Power Corporation QBK025A0B41-PH Datasheet HTML 11Page - Lineage Power Corporation QBK025A0B41-PH Datasheet HTML 12Page - Lineage Power Corporation QBK025A0B41-PH Datasheet HTML 13Page - Lineage Power Corporation QBK025A0B41-PH Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
March 27, 2008
QBK025A0B DC-DC Power Modules:
36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
LINEAGE POWER
10
Thermal Considerations
The power modules operate in a variety of thermal
environments and sufficient cooling should be
provided to help ensure reliable operation.
Thermal considerations include ambient temperature,
airflow, module power dissipation, and the need for
increased reliability. A reduction in the operating
temperature of the module will result in an increase in
reliability. The thermal data presented here is based
on physical measurements taken in a wind tunnel.
Heat-dissipating components are mounted on the top
side of the module. Heat is removed by conduction,
convection and radiation to the surrounding
environment. Proper cooling can be verified by
measuring the thermal reference temperature (TH).
Peak temperature (TH) occurs at the position indicated
in Figure 13. For reliable operation this temperature
should not exceed the listed temperature threshold.
Figure 13. Location of the thermal reference
temperature TH.
The output power of the module should not exceed
the rated power for the module as listed in the
Ordering Information table.
Although the maximum TH temperature of the power
modules is 110 °C - 115 °C, you can limit this
temperature to a lower value for extremely high
reliability.
Please refer to the Application Note “Thermal
Characterization Process For Open-Frame Board-
Mounted Power Modules” for a detailed discussion of
thermal aspects including maximum device
temperatures.
Heat Transfer via Convection
Increased airflow over the module enhances the heat
transfer via convection. The thermal derating figures
(14-16) show the maximum output current that can be
delivered by each module in the respective orientation
without exceeding the maximum TH temperature
versus local ambient temperature (TA) for air flows of 1
m/s (200 ft./min) and 2m/s (400 ft./min).
Note that the natural convection condition was
measured at 0.05 m/s to 0.1 m/s (10ft./min. to 20
ft./min.); however, systems in which these power
modules may be used typically generate natural
convection airflow rates of 0.3 m/s (60 ft./min.) due to
other heat dissipating components in the system. The
use of Figures 14 - 15 are shown in the following
example:
Example
What is the minimum airflow necessary for a
QBK025A0B operating at VI = 48 V, an output current
of 12A, and a maximum ambient temperature of 70 °C
in transverse orientation.
Solution:
Given: VI = 48V, Io = 12A, TA = 70 °C
Determine required airflow (V) (Use Figure 14):
V = T1 m/sec. ( 200 ft./min.) or greater.
0
5
10
15
20
25
30
0
20406080
100
Natural Convection
1m/s (200LFM)
2m/s (400LFM)
3m/s (600LFM)
LOCAL AMBIENT TEMPERATURE, TA (°C)
Figure 14. Output Current Derating for the
QBK025A0B in the Transverse Orientation with no
baseplate; Airflow Direction from Vin(+) to Vin(-); Vin
= 48V.


유사한 부품 번호 - QBK025A0B41-PH

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
QBK020A0B1Z LINEAGEPOWER-QBK020A0B1Z Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
More results

유사한 설명 - QBK025A0B41-PH

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QSK033A0B41 LINEAGEPOWER-QSK033A0B41 Datasheet
405Kb / 15P
   36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
QUK240S9R041Z LINEAGEPOWER-QUK240S9R041Z Datasheet
266Kb / 14P
   36 - 55Vdc input; 9Vdc Output; 240W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com