전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QBK025A0B71-BPH 데이터시트(PDF) 13 Page - Lineage Power Corporation

부품명 QBK025A0B71-BPH
부품 상세설명  36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBK025A0B71-BPH 데이터시트(HTML) 13 Page - Lineage Power Corporation

Back Button QBK025A0B71-BPH Datasheet HTML 8Page - Lineage Power Corporation QBK025A0B71-BPH Datasheet HTML 9Page - Lineage Power Corporation QBK025A0B71-BPH Datasheet HTML 10Page - Lineage Power Corporation QBK025A0B71-BPH Datasheet HTML 11Page - Lineage Power Corporation QBK025A0B71-BPH Datasheet HTML 12Page - Lineage Power Corporation QBK025A0B71-BPH Datasheet HTML 13Page - Lineage Power Corporation QBK025A0B71-BPH Datasheet HTML 14Page - Lineage Power Corporation QBK025A0B71-BPH Datasheet HTML 15Page - Lineage Power Corporation QBK025A0B71-BPH Datasheet HTML 16Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
March 27, 2008
QBK025A0B DC-DC Power Modules:
36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
LINEAGE POWER
13
Mechanical Outline
Dimensions are in millimeters and (inches).
Tolerances: x.x mm
± 0.5 mm (x.xx in. ± 0.02 in.) [Unless otherwise indicated]
x.xx mm
± 0.25 mm (x.xxx in ± 0.010 in.)
TOP
VIEW
SIDE
VIEW
BOTTOM
VIEW
36.8
(1.45)
57.9
(2.28)
4.6
(.18)
MIN
1.57 (.062) DIA SOLDER PLATED
PIN SHOULDER, 5 PLCS
1.02 (.040) DIA SOLDER PLATED
PIN, 5 PLCS
0.25
(.010)
MIN
2.36 (.093) DIA SOLDER-PLATED
PIN SHOULDER, 2 PLCS
1.57 (.062) DIA SOLDER-PLATED
PIN, 2 PLCS
3.6
(.14)
7.62
(.300) 3.81
(.150)
11.43
(.450)
15.24
(.600)
VI(-)
VI(+)
ON/OFF
50.8
(2.000)
10.8
(.43)
15.24
(.600)
VO(-)
VO(+)
CASE
PARALLEL
10.5
(.41)
*Top side label includes Lineage Power name, product designation, and data code.
†Option Feature, Pin is not present unless one these options specified.


유사한 부품 번호 - QBK025A0B71-BPH

제조업체부품명데이터시트부품 상세설명
Lineage Power Corporation
Lineage Power Corporati...
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
QBK020A0B1Z LINEAGEPOWER-QBK020A0B1Z Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
More results

유사한 설명 - QBK025A0B71-BPH

제조업체부품명데이터시트부품 상세설명
Vishay Siliconix
Vishay Siliconix
QBVW025A0B VISHAY-QBVW025A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12Vdc Output; 25A Output Current
Lineage Power Corporation
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
Vishay Siliconix
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QSK033A0B41 LINEAGEPOWER-QSK033A0B41 Datasheet
405Kb / 15P
   36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
QUK240S9R041Z LINEAGEPOWER-QUK240S9R041Z Datasheet
266Kb / 14P
   36 - 55Vdc input; 9Vdc Output; 240W
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz