전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBW018A0B641 데이터시트(PDF) 7 Page - Lineage Power Corporation

부품명 QBW018A0B641
상세설명  36-75Vdc Input; 12Vdc Output; 18A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBW018A0B641 데이터시트(HTML) 7 Page - Lineage Power Corporation

Back Button QBW018A0B641 Datasheet HTML 3Page - Lineage Power Corporation QBW018A0B641 Datasheet HTML 4Page - Lineage Power Corporation QBW018A0B641 Datasheet HTML 5Page - Lineage Power Corporation QBW018A0B641 Datasheet HTML 6Page - Lineage Power Corporation QBW018A0B641 Datasheet HTML 7Page - Lineage Power Corporation QBW018A0B641 Datasheet HTML 8Page - Lineage Power Corporation QBW018A0B641 Datasheet HTML 9Page - Lineage Power Corporation QBW018A0B641 Datasheet HTML 10Page - Lineage Power Corporation QBW018A0B641 Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
March 27, 2008
QBW018A0B Series Power Modules, DC - DC Converters:
36 – 75Vdc Input; 12Vdc Output; 18A Output Current
LINEAGE POWER
7
Characteristic Curves (continued)
The following figures provide typical characteristics for the QBW018A0B (12V, 18A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
11.9
12
12.1
12.2
12.3
35
40
45
50
55
60
65
70
75
Io=18A
Io=9A
Io=0A
INPUT VOLTAGE, Vin (V)
Figure 7. Typical Output voltage regulation vs. Input
voltage at Room Temperature
11.8
11.9
12
12.1
12.2
12.3
0
5
10
15
20
Vin=36V
Vin=48V
Vin=75V
OUTPUT CURRENT, IO (A)
Figure 8. Typical Output voltage regulation Vs. Output
current at Room Temperature


유사한 부품 번호 - QBW018A0B641

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results

유사한 설명 - QBW018A0B641

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com