전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBW018A0B1-H 데이터시트(PDF) 1 Page - Lineage Power Corporation

부품명 QBW018A0B1-H
상세설명  36-75Vdc Input; 12Vdc Output; 18A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBW018A0B1-H 데이터시트(HTML) 1 Page - Lineage Power Corporation

  QBW018A0B1-H Datasheet HTML 1Page - Lineage Power Corporation QBW018A0B1-H Datasheet HTML 2Page - Lineage Power Corporation QBW018A0B1-H Datasheet HTML 3Page - Lineage Power Corporation QBW018A0B1-H Datasheet HTML 4Page - Lineage Power Corporation QBW018A0B1-H Datasheet HTML 5Page - Lineage Power Corporation QBW018A0B1-H Datasheet HTML 6Page - Lineage Power Corporation QBW018A0B1-H Datasheet HTML 7Page - Lineage Power Corporation QBW018A0B1-H Datasheet HTML 8Page - Lineage Power Corporation QBW018A0B1-H Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
March 27, 2008
QBW018A0B Series Power Modules, DC - DC Converters:
36 – 75Vdc Input; 12Vdc Output; 18A Output Current
* ISO is a registered trademark of the International Organization of Standards
** UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-use equipment. All of the required procedures of end-use equipment should be followed.
Document No: DS04-010 ver. 1.46
PDF name: qbus_qbw018a0b_ds.pdf
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Options
Negative Remote On/Off logic
Active load sharing (Parallel Operation)
Baseplate option (-H)
Auto restart after fault shutdown
Case ground pin
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
High power density: 155 W/in
3
High efficiency – 93% at 12V full load
Improved Thermal Performance:
12A at 70ºC at 2m/s (400LFM)
Delivers up to 18A output current
Low output ripple and noise
Industry standard Quarter brick:
57.9 mm x 36.8 mm x 10.6 mm
(2.28 in x 1.45 in x 0.42 in)
Cost efficient open frame design
Single optimal regulated output
2 : 1 input voltage range
Constant switching frequency
Positive Remote On/Off logic
Output over current/voltage protection
Overtemperature protection
Wide operating temperature range (-40°C to 85°C)
ISO* 9001 certified manufacturing facilities
Meets the voltage isolation requirements for
ETSI 300-132-2 and complies with and is licensed
for Basic Insulation rating per EN60950-1
UL** 60950-1 Recognised, CSA
C22.2 No. 60950-
1-03 Certified, and VDE
0805 (IEC60950, 3rd
Edition) Licensed
CE mark meets 2006/95/EC directive
§
Description
The QBW018A0B series of dc-dc converters are an expansion of a new generation of DC/DC power modules
designed to support 12Vdc intermediate bus applications where multiple low voltages are subsequently generated
using discrete/modular point of load (POL) converters. The QBW018A0B series provide up to 18A output current in
an industry standard quarter brick, which makes it an ideal choice for small space, high current and 12V
intermediate bus voltage applications. The converter incorporates synchronous rectification technology and
innovative packaging techniques to achieve ultra high efficiency reaching 93% at 12V full load. This leads to lower
power dissipation such that for many applications a heat sink is not required.
The QBW018A0B series power modules are isolated dc-dc converters that operate over an input voltage range from
36 to 75 Vdc and provide a single regulated output. The output is fully isolated from the input, allowing versatile
polarity configurations and grounding connections. Built-in filtering for both input and output minimizes the need for
external filtering.
RoHS Compliant


유사한 부품 번호 - QBW018A0B1-H

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results

유사한 설명 - QBW018A0B1-H

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com