전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QBW018A0B1-HZ 데이터시트(PDF) 11 Page - Lineage Power Corporation

부품명 QBW018A0B1-HZ
부품 상세설명  36-75Vdc Input; 12Vdc Output; 18A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBW018A0B1-HZ 데이터시트(HTML) 11 Page - Lineage Power Corporation

Back Button QBW018A0B1-HZ Datasheet HTML 7Page - Lineage Power Corporation QBW018A0B1-HZ Datasheet HTML 8Page - Lineage Power Corporation QBW018A0B1-HZ Datasheet HTML 9Page - Lineage Power Corporation QBW018A0B1-HZ Datasheet HTML 10Page - Lineage Power Corporation QBW018A0B1-HZ Datasheet HTML 11Page - Lineage Power Corporation QBW018A0B1-HZ Datasheet HTML 12Page - Lineage Power Corporation QBW018A0B1-HZ Datasheet HTML 13Page - Lineage Power Corporation QBW018A0B1-HZ Datasheet HTML 14Page - Lineage Power Corporation QBW018A0B1-HZ Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
March 27, 2008
QBW018A0B Series Power Modules, DC - DC Converters:
36 – 75Vdc Input; 12Vdc Output; 18A Output Current
LINEAGE POWER
11
Thermal Considerations
The power modules operate in a variety of thermal
environments and sufficient cooling should be
provided to help ensure reliable operation.
Thermal considerations include ambient temperature,
airflow, module power dissipation, and the need for
increased reliability. A reduction in the operating
temperature of the module will result in an increase in
reliability. The thermal data presented here is based
on physical measurements taken in a wind tunnel.
Heat-dissipating components are mounted on the top
side of the module. Heat is removed by conduction,
convection and radiation to the surrounding
environment. Proper cooling can be verified by
measuring the thermal reference temperature (TH).
Peak temperature (TH) occurs at the position
indicated in Figure 13. For reliable operation this
temperature should not exceed the listed temperature
threshold.
Figure 31. Tref Temperature measurement
location.
The output power of the module should not exceed
the rated power for the module as listed in the
Ordering Information table.
Although the maximum TH temperature of the power
modules is 110 °C - 115 °C, you can limit this
temperature to a lower value for extremely high
reliability.
Heat Transfer via Convection
Increased airflow over the module enhances the heat
transfer via convection. The thermal derating figures
(14-17) show the maximum output current that can be
delivered by each module in the respective orientation
without exceeding the maximum TH temperature
versus local ambient temperature (TA) for air flows of
1 m/s (200 ft./min) and 2m/s (400 ft./min).
Note that the natural convection condition was
measured at 0.05 m/s to 0.1 m/s (10ft./min. to 20
ft./min.); however, systems in which these power
modules may be used typically generate natural
convection airflow rates of 0.3 m/s (60 ft./min.) due to
other heat dissipating components in the system. The
use of Figures 14 - 15 are shown in the following
example:
Example
What is the minimum airflow necessary for a
QBW018A0B operating at VI = 48 V, an output
current of 12A, and a maximum ambient temperature
of 70 °C in transverse orientation.
Solution:
Given: VI = 48V, Io = 12A, TA = 70 °C
Determine required airflow (V) (Use Figure 14):
V = T1 m/sec. ( 200 ft./min.) or greater.
LOCAL AMBIENT TEMPERATURE, TA (°C)
Figure 14. Output Current Derating for the QBW018A0B
in the Transverse Orientation with no baseplate;
Airflow Direction from Vin(+) to Vin(-); Vin = 48V
0
5
10
15
20
0
20406080
100
1m/s (200LFM)
3m/s (600LFM)
2m/s (400LFM)
LOCAL AMBIENT TEMPERATURE, TA (°C)
Figure 15. Output Current Derating for the QBW18A0B
(Vo = 12V) in the Transverse Orientation with
baseplate; Airflow Direction from Vin(+) to Vin(-); Vin =
48V
0
5
10
15
20
0
20406080
100
1m/s (200LFM)
3m/s (600LFM)
2m/s (400LFM)


유사한 부품 번호 - QBW018A0B1-HZ

제조업체부품명데이터시트부품 상세설명
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results

유사한 설명 - QBW018A0B1-HZ

제조업체부품명데이터시트부품 상세설명
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
Vishay Siliconix
Vishay Siliconix
QBVW025A0B VISHAY-QBVW025A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12Vdc Output; 25A Output Current
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Lineage Power Corporation
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz