전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QBW018A0B61-HTZ 데이터시트(PDF) 12 Page - Lineage Power Corporation

부품명 QBW018A0B61-HTZ
부품 상세설명  36-75Vdc Input; 12Vdc Output; 18A Output Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBW018A0B61-HTZ 데이터시트(HTML) 12 Page - Lineage Power Corporation

Back Button QBW018A0B61-HTZ Datasheet HTML 6Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 7Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 8Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 9Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 10Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 11Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 12Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 13Page - Lineage Power Corporation QBW018A0B61-HTZ Datasheet HTML 14Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Data Sheet
March 27, 2008
QBW018A0B1-TZ Series Power Modules; DC-DC converters
36-75Vdc Input; 12Vdc Output; 18A Output Current
LINEAGE POWER
12
Mechanical Outline for QBW-HTZ (Baseplate Version) Through Hole Module
Dimensions are in millimeters and [inches].
Tolerances: x.x mm
± 0.5 mm [x.xx in. ± 0.02 in.] (Unless otherwise indicated)
x.xx mm
± 0.25 mm [x.xxx in ± 0.010 in.]
TOP
VIEW
SIDE
VIEW
BOTTOM
VIEW
† - Optional pin/pin length shown in Table 2 Device Options.
*Bottom side label includes Lineage Power name, product designation, and data code.


유사한 부품 번호 - QBW018A0B61-HTZ

제조업체부품명데이터시트부품 상세설명
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61 LINEAGEPOWER-QBW018A0B61 Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61Z LINEAGEPOWER-QBW018A0B61Z Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results

유사한 설명 - QBW018A0B61-HTZ

제조업체부품명데이터시트부품 상세설명
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
Vishay Siliconix
Vishay Siliconix
QBVW025A0B VISHAY-QBVW025A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12Vdc Output; 25A Output Current
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Lineage Power Corporation
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz