전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QPW025A0F41 데이터시트(PDF) 14 Page - Lineage Power Corporation

부품명 QPW025A0F41
상세설명  36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QPW025A0F41 데이터시트(HTML) 14 Page - Lineage Power Corporation

Back Button QPW025A0F41 Datasheet HTML 6Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 7Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 8Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 9Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 10Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 11Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 12Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 13Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 14Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Data Sheet
May 7, 2008
QPW025A0F41/QPW025A0F41-H DC-DC Power Module
36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
Document No: DS05-005 ver. 1.96
PDF name:qpw025a0f41_w-h_ds.pdf
World Wide Headquarters
Lineage Power Corporation
3000 Skyline Drive, Mesquite, TX 75149, USA
+1-800-526-7819
(Outside U.S.A.: +1-972-284-2626)
www.lineagepower.com
e-mail: techsupport1@lineagepower.com
Asia-Pacific Headquarters
Tel: +65 6416 4283
Europe, Middle-East and Africa Headquarters
Tel: +49 89 6089 286
India Headquarters
Tel: +91 80 284 11633
Lineage Powe r reserves the right to make ch anges to the product(s) o r information contained he rein without notice. No liability is assume d as a resul t of their use or
a pplicatio n. No rig hts under any patent accompany the sale o f any such product(s) or information.
© 2008 Line age Powe r Corp oration, (Mesq uite, Texas) A ll Internati onal Ri ghts Reserved.
Ordering Information
Please contact your Lineage Power Sales Representative for pricing, availability and optional features.
Table 3. Device Code
Input Voltage
Output
Voltage
Output
Current
Efficiency
Connector
Type
Product codes
Comcodes
36 – 75Vdc
3.3 V
25A
92.5%
Through-Hole
QPW025A0F41
108993580
36 – 75Vdc
3.3 V
25A
92.5%
Through-Hole
QPW025A0F64
108996088
36 – 75Vdc
3.3 V
25A
92.5%
Through-Hole
QPW025A0F41-H
108993572
Table 2. Device Options
Option
Device Code Suffix
Negative Logic Remote On/Off
1
Auto-restart after fault shutdown
4
Pin Length: 3.68 mm ± 0.25 mm (0.145 in. ± 0.010 in.)
6
Case pin (only available with –H option)
7
Base plate version for heat sink attachment
-H


유사한 부품 번호 - QPW025A0F41

제조업체부품명데이터시트상세설명
Lineage Power Corporation
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW050A0F1-HZ LINEAGEPOWER-QPW050A0F1-HZ Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1 LINEAGEPOWER-QPW060A0G1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1Z LINEAGEPOWER-QPW060A0G1Z Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0M1 LINEAGEPOWER-QPW060A0M1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
More results

유사한 설명 - QPW025A0F41

제조업체부품명데이터시트상세설명
Lineage Power Corporation
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
Vishay Siliconix
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com