전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QPW025A0F41 데이터시트(PDF) 7 Page - Lineage Power Corporation

부품명 QPW025A0F41
부품 상세설명  36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QPW025A0F41 데이터시트(HTML) 7 Page - Lineage Power Corporation

Back Button QPW025A0F41 Datasheet HTML 3Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 4Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 5Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 6Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 7Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 8Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 9Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 10Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
May 7, 2008
QPW025A0F41/QPW025A0F41-H DC-DC Power Module
36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
LINEAGE POWER
7
component failure and fault tests were performed in
the power converters.
One pole of the input and one pole of the output are
to be grounded, or both circuits are to be kept
floating, to maintain the output voltage to ground
voltage within ELV or SELV limits.
For all input sources, other than DC MAINS, where the
input voltage is between 60 and 75V dc (Classified as
TNV-2 in Europe), the following must be meet, if the
converter’s output is to be evaluated for SELV:
The input source is to be provided with reinforced
insulation from any hazardous voltage, including the
ac mains.
One Vi pin and one Vo pin are to be reliably earthed,
or both the input and output pins are to be kept
floating.
Another SELV reliability test is conducted on the
whole system, as required by the safety agencies,
on the combination of supply source and the subject
module to verify that under a single fault, hazardous
voltages do not appear at the module’s output.
The power module has ELV (extra-low voltage) outputs
when all inputs are ELV.
All flammable materials used in the manufacturing of
these modules are rated 94V-0, or tested to the
UL60950 A.2 for reduced thickness.
The input to these units is to be provided with a
maximum 6A fast-acting (or time-delay) fuse in the
unearthed lead.
Feature Descriptions
Remote On/Off
Two remote On/Off logic options are available. Positive
logic remote On/Off turns the module ON during a logic-
high voltage on the remote On/Off pin, and turns the
module OFF during a logic-low. Negative logic remote
On/Off turns the module OFF during a logic-high and
turns the module ON during logic-low. Negative logic is
specified by suffix “1” at the end of the device code.
To turn the power module on and off, the user must
supply a switch to control the voltage between the
ON/OFF pin and the VIN(–) terminal (Von/Off). The switch
may be an open collector or equivalent (see Figure 10).
A logic-low is Von/off = 0 V to 1.2V. The maximum Ion/off
during a logic low is 1 mA. The switch should maintain a
logic-low voltage while sinking 1 mA.
During a logic-high, the maximum Von/off generated by
the power module is 15 V. The maximum allowable
leakage current of the switch is 50 µA. If not using the
remote on/off feature, do one of the following:
For positive logic, leave the ON/OFF pin open.
For negative logic, short the ON/OFF pin to VIN(–).
SENSE(+)
VO(+)
SENSE(–)
VO(–)
VI(-)
Ion/off
ON/OFF
VI(+)
LOAD
Von/off
Figure 10. Circuit configuration for using Remote
On/Off Implementation.
Overcurrent Protection
To provide protection in a fault (output overload) condi-
tion, the module is equipped with internal current-limiting
circuitry, and can endure current limiting continuously.
At the instance of current-limit inception, the output
current begins to tail-out. When an overcurrent
condition exists beyond a few seconds, the module
enters a “hiccup” mode of operation, whereby it shuts
down and automatically attempts to restart.. While the
fault condition exists, the module will remain in this
hiccup mode, and can remain in this mode until the fault
is cleared. The unit


유사한 부품 번호 - QPW025A0F41

제조업체부품명데이터시트부품 상세설명
Lineage Power Corporation
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW050A0F1-HZ LINEAGEPOWER-QPW050A0F1-HZ Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1 LINEAGEPOWER-QPW060A0G1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1Z LINEAGEPOWER-QPW060A0G1Z Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0M1 LINEAGEPOWER-QPW060A0M1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
More results

유사한 설명 - QPW025A0F41

제조업체부품명데이터시트부품 상세설명
Lineage Power Corporation
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
Vishay Siliconix
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com