전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QPW025A0F41 데이터시트(PDF) 8 Page - Lineage Power Corporation

부품명 QPW025A0F41
상세설명  36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QPW025A0F41 데이터시트(HTML) 8 Page - Lineage Power Corporation

Back Button QPW025A0F41 Datasheet HTML 4Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 5Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 6Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 7Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 8Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 9Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 10Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 11Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
May 7, 2008
QPW025A0F41/QPW025A0F41-H DC-DC Power Module
36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
LINEAGE POWER
8
Feature Descriptions (continued)
operates normally once the output current is reduced
back into its specified range.
Input Undervoltage Lockout
At input voltages below the input undervoltage lockout
limit, the module operation is disabled. The module will
begin to operate at an input voltage between the
undervoltage lockout limit and the minimum operating
input voltage.
Overtemperature Protection
T
o provide over temperature protection in a fault
condition, the unit relies upon the thermal protection
feature of the controller IC. The unit will shut down if the
thermal reference point Tref, exceeds the specified
maximum temperature threshold, but the thermal
shutdown is not intended as a guarantee that the unit
will survive temperatures beyond its rating. The module
will automatically restart after it cools down.
Over Voltage Protection
The output overvoltage protection clamp consists of
control circuitry, independent of the primary regulation
loop, which monitors the voltage on the output
terminals. This control loop has a higher voltage set
point than the primary loop (See the overvoltage clamp
values in the Feature Specifications). In a fault
condition, the overvoltage clamp ensures that the output
voltage does not exceed Vo, clamp(max). This provides a
redundant voltage-control that reduces the risk of output
overvoltage.
Remote sense
Remote sense minimizes the effects of distribution
losses by regulating the voltage at the remote-sense
connections (See Figure 11). The voltage between the
remote-sense pins and the output terminals must not
exceed the output voltage sense range given in the
Feature Specifications table:
[VO(+) – VO(–)] – [SENSE(+) – SENSE(–)] ≤ 10% of
VO,rated
The voltage between the VO(+) and VO(–) terminals must
not exceed the minimum output overvoltage shutdown
value indicated in the Feature Specifications table. This
limit includes any increase in voltage due to remote-
sense compensation and output voltage setpoint
adjustment (trim) (see Figure 11). If not using the
remote-sense feature to regulate the output at the point
of load, then connect SENSE(+) to VO(+) and SENSE()
to VO() at the module.
The amount of power delivered by the module is defined
as the voltage at the output terminals multiplied by the
output current. When using remote sense and trim, the
output voltage of the module can
be increased, which, at the same output current, would
increase the power output of the module. Care should
be taken to ensure that the maximum output power of
the module remains at or below the maximum rated
power (Maximum rated power = Vo,set x Io,max).
VO(+)
SENSE(+)
SENSE(–)
VO(–)
VI(+)
VI(-)
IO
LOAD
CONTACT AND
DISTRIBUTION LOSSE
SUPPLY
II
CONTACT
RESISTANCE
Figure 11. Circuit Configuration to program output
voltage using external resistor.
Output Voltage Programming
Trimming allows the user to increase or decrease the
output voltage set point of a module. This is
accomplished by connecting an external resistor
between the TRIM pin and either the SENSE(+) or
SENSE(-) pins. A resistor placed between the Trim pin
and Sense (+) increases the output voltage and a
resistor placed between the Trim pin and Sense (-)
decreases the output voltage. Figure 12 shows the
circuit configuration using an external resistor. The trim
resistor should be positioned close to the module. If the
trim pin is not used then the pin shall be left open
.
VO(+)
TRIM
VO(-)
Rtrim-down
LOAD
VIN(+)
ON/OFF
VIN(-)
Rtrim-up
SENSE (+)
SENSE (-)
Figure 12. Circuit Configuration to program output
voltage using an external resistor.
The following equations determine the required external
resistor value to obtain a percentage output voltage
change of Δ%.
To decrease output voltage set point:
Ω
Δ
=
K
R
down
trim
2
.
10
%
510


유사한 부품 번호 - QPW025A0F41

제조업체부품명데이터시트상세설명
Lineage Power Corporation
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW050A0F1-HZ LINEAGEPOWER-QPW050A0F1-HZ Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1 LINEAGEPOWER-QPW060A0G1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1Z LINEAGEPOWER-QPW060A0G1Z Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0M1 LINEAGEPOWER-QPW060A0M1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
More results

유사한 설명 - QPW025A0F41

제조업체부품명데이터시트상세설명
Lineage Power Corporation
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
Vishay Siliconix
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com