전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QPW025A0F41 데이터시트(PDF) 1 Page - Lineage Power Corporation

부품명 QPW025A0F41
상세설명  36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QPW025A0F41 데이터시트(HTML) 1 Page - Lineage Power Corporation

  QPW025A0F41 Datasheet HTML 1Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 2Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 3Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 4Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 5Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 6Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 7Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 8Page - Lineage Power Corporation QPW025A0F41 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
May 7, 2008
QPW025A0F41/QPW025F41-H DC-DC Converter Power Module
36- 75Vdc Input, 3.3Vdc Output and 25A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-user equipment. All of the required procedures of end-use equipment should be followed.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS05-005 ver. 1.96
PDF name:qpw025a0f41_w-h_ds.pdf
Applications
Wireless Networks
Optical and Access Network Equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC)
and Microprocessor powered applications
Options
Negative Remote On/Off Logic
Auto-restart from Output overcurrent/voltage
and Over-temperature Protections
Heat plate version (-H)
Features
Delivers up to 25A Output current
High efficiency – 92.5% at 3.3V full load
Industry standard Quarter brick footprint
57.9mm x 36.8mm x
12.7mm (with base plate)
(2.28in x 1.45in x 0.5in)
Low output ripple and noise
2:1 Input voltage
Input under voltage protection
Output overcurrent/voltage protection
Over-temperature protection
Tightly regulated output
Remote sense
Adjustable output voltage (+10%/ -20%)
Negative logic, Remote On/Off
Auto restart after fault protection shutdown
Wide operating temperature range (-40°C to 85°C)
Meets the voltage insulation requirements for ETSI
300-132-2 and complies with and is Licensed for
Basic Insulation rating per EN 60950
CE mark meets the 2006/95/EC directive
§
UL
* 60950-1Recognized, CSA
C22.2 No. 60950-1-
03 Certified, and VDE
0805 (EN60950 3rd Edition)
Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Description
The QPW025A0F41 is a new open-frame DC/DC power module designed to provide up to 25A output current in an
industry standard quarter brick package. The converter uses synchronous rectification technology and open-frame
packaging techniques to achieve high efficiency reaching 92.5% at 3.3V full load.


유사한 부품 번호 - QPW025A0F41

제조업체부품명데이터시트상세설명
Lineage Power Corporation
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW050A0F1-HZ LINEAGEPOWER-QPW050A0F1-HZ Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1 LINEAGEPOWER-QPW060A0G1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0G1Z LINEAGEPOWER-QPW060A0G1Z Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW060A0M1 LINEAGEPOWER-QPW060A0M1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
More results

유사한 설명 - QPW025A0F41

제조업체부품명데이터시트상세설명
Lineage Power Corporation
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
Vishay Siliconix
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com