전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QRW025A0P1 데이터시트(PDF) 14 Page - Lineage Power Corporation

부품명 QRW025A0P1
상세설명  36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QRW025A0P1 데이터시트(HTML) 14 Page - Lineage Power Corporation

Back Button QRW025A0P1 Datasheet HTML 10Page - Lineage Power Corporation QRW025A0P1 Datasheet HTML 11Page - Lineage Power Corporation QRW025A0P1 Datasheet HTML 12Page - Lineage Power Corporation QRW025A0P1 Datasheet HTML 13Page - Lineage Power Corporation QRW025A0P1 Datasheet HTML 14Page - Lineage Power Corporation QRW025A0P1 Datasheet HTML 15Page - Lineage Power Corporation QRW025A0P1 Datasheet HTML 16Page - Lineage Power Corporation QRW025A0P1 Datasheet HTML 17Page - Lineage Power Corporation QRW025A0P1 Datasheet HTML 18Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Lineage Power
14
Data Sheet
March 27, 2008
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
QRW025 Series Power Modules; dc-dc Converters
Characteristic Curves
The following figures provide typical characteristics curves for the QRW025A0G (VO = 2.5 V) module at room temperature (TA
= 25 °C)
Figure 19. Input Voltage and Current Characteristics.
Figure 20. Converter Efficiency vs. Output Current.
Figure 21. Output Ripple Voltage (IO = IO, max).
Tested with a 220µF aluminium and a 1.0µF ceramic capacitor
across the load.
Figure 22. Transient Response to Step Decrease in
Load from 50% to 25% of Full Load
(VI = 48 Vdc).
Figure 23. Transient Response to Step Increase in
Load from 50% to 75% of Full Load
(VI = 48 Vdc).
Tested with a 10µF aluminium and a 1.0µF tantalum capacitor
across the load.
Figure 24. Start-up from Remote On/Off (IO = IO, max).
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
25
35
45
55
65
75
INPUT VOLTAGE, VI (V)
IO = 25 A
IO = 12.5 A
IO = 0 A
70
75
80
85
90
95
0
5
10
15
20
25
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 48 V
VI = 75 V
TIME, t (1 µs/div)
TIME, t (100 µs/div)
TIME, t (100 µs/div)
TIME, t (1 ms/div)


유사한 부품 번호 - QRW025A0P1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
QRW025A0A1 MACOM-QRW025A0A1 Datasheet
233Kb / 2P
   QRW 40A single output series
logo
Lineage Power Corporati...
QRW025A0A1 LINEAGEPOWER-QRW025A0A1 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A1Z LINEAGEPOWER-QRW025A0A1Z Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A641 LINEAGEPOWER-QRW025A0A641 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
More results

유사한 설명 - QRW025A0P1

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
logo
Lineage Power Corporati...
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Bel Fuse Inc.
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
   36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
   36 to 75 Vdc Input; Single Output up to 25A
logo
Bel Fuse Inc.
SSQE48T15033 BEL-SSQE48T15033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 15 A, 50 W Output
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Bel Fuse Inc.
QM48T45 BEL-QM48T45 Datasheet
2Mb / 35P
   36-75 VDC Input; 1.0 - 3.3 VDC @ 45 A Output (150 W)
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com