전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QRW025A0F 데이터시트(PDF) 19 Page - Lineage Power Corporation

부품명 QRW025A0F
상세설명  36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QRW025A0F 데이터시트(HTML) 19 Page - Lineage Power Corporation

Back Button QRW025A0F Datasheet HTML 15Page - Lineage Power Corporation QRW025A0F Datasheet HTML 16Page - Lineage Power Corporation QRW025A0F Datasheet HTML 17Page - Lineage Power Corporation QRW025A0F Datasheet HTML 18Page - Lineage Power Corporation QRW025A0F Datasheet HTML 19Page - Lineage Power Corporation QRW025A0F Datasheet HTML 20Page - Lineage Power Corporation QRW025A0F Datasheet HTML 21Page - Lineage Power Corporation QRW025A0F Datasheet HTML 22Page - Lineage Power Corporation QRW025A0F Datasheet HTML 23Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Lineage Power
19
Data Sheet
March 27, 2008
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
QRW025 Series Power Modules; dc-dc Converters
remain withing SELV limits even with internally-generated
non-SELV voltages. Single component failure and fault
tests were performed in the power converters.
n
One pole of the input and one pole of the output are to be
grounded, or both circuits are to be kept floating, to main-
tain the output voltage to ground voltage within ELV or
SELV limits.
For all input sources, other than DC MAINS, where the input
voltage is between 60 and 75 Vdc (Classified as TNV-2 in
Europe), the following must be adhered to, if the converter’s
output is to be evaluated for SELV:
n
The input source is to be provided with reinforced insula-
tion from any hazardous voltage, including the AC mains.
n
One VI pin and one VO pin are to be reliably earthed, or
both the input and output pins are to be kept floating.
n
Another SELV reliability test is conducted on the whole
system, as required by the safety agencies, on the combi-
nation of supply source and the subject module to verify
that under a single fault, hazardous voltages do not appear
at the module’s output.
The power module has ELV (extra-low voltage) outputs when
all inputs are ELV.
All flammable materials used in the manufacturing of these
modules are rated 94V-0, and UL60950A.2 for reduced thick-
nesses. The input to these units is to be provided with a max-
imum 10A normal-blow fuse in the ungrounded lead.


유사한 부품 번호 - QRW025A0F

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
QRW025A0A1 MACOM-QRW025A0A1 Datasheet
233Kb / 2P
   QRW 40A single output series
logo
Lineage Power Corporati...
QRW025A0A1 LINEAGEPOWER-QRW025A0A1 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A1Z LINEAGEPOWER-QRW025A0A1Z Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A641 LINEAGEPOWER-QRW025A0A641 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
More results

유사한 설명 - QRW025A0F

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
logo
Lineage Power Corporati...
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Bel Fuse Inc.
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
   36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
   36 to 75 Vdc Input; Single Output up to 25A
logo
Bel Fuse Inc.
SSQE48T15033 BEL-SSQE48T15033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 15 A, 50 W Output
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Bel Fuse Inc.
QM48T45 BEL-QM48T45 Datasheet
2Mb / 35P
   36-75 VDC Input; 1.0 - 3.3 VDC @ 45 A Output (150 W)
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com