전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QRW025A0F 데이터시트(PDF) 27 Page - Lineage Power Corporation

부품명 QRW025A0F
상세설명  36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QRW025A0F 데이터시트(HTML) 27 Page - Lineage Power Corporation

Back Button QRW025A0F Datasheet HTML 19Page - Lineage Power Corporation QRW025A0F Datasheet HTML 20Page - Lineage Power Corporation QRW025A0F Datasheet HTML 21Page - Lineage Power Corporation QRW025A0F Datasheet HTML 22Page - Lineage Power Corporation QRW025A0F Datasheet HTML 23Page - Lineage Power Corporation QRW025A0F Datasheet HTML 24Page - Lineage Power Corporation QRW025A0F Datasheet HTML 25Page - Lineage Power Corporation QRW025A0F Datasheet HTML 26Page - Lineage Power Corporation QRW025A0F Datasheet HTML 27Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Document No:
PDF Name:qrw025-series_ds.pdf
Data Sheet
March 27, 2008
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
QRW025 Series Power Modules; dc-dc Converters
Note: Legacy device codes may contain a -B option suffix to indicate 100% factory Hi-
Pot tested to the isolation voltage specified in the Absolute Maximum Ratings table.
The 100% Hi-Pot test is now applied to all device codes, with or without the -B option
suffix. Existing comcodes for devices with the -B suffix are still valid; however, no new
comcodes for devices containing the -B suffix will be created.
W o r ld W i d e H e a d quar t e r s
L in eag e P o w er C o rp o r at io n
30 00 S k yline D riv e, M e s quite, T X 751 49, U S A
+ 1 - 800- 5 26- 781 9
( O ut s id e U .S .A .: + 1 - 97 2-2 84 -2 6 2 6 )
w w w. l in e ag ep o w er .co m
e-m ai l: t e ch su p p o r t 1@ li n ea g ep o w e r .co m
A sia - P aci fic H ead q u art er s
T el: + 65 6 41 6 428 3
E u ro p e, M id d l e- E ast an d A f r ic a H e ad q u ar t er s
T el: + 49 8 9 6089 2 86
I n d ia H ead q u art e r s
T el: + 91 8 0 28411 633
Li n eage Pow er reserves t he rig ht t o m ake change s t o t he p roduc t (s) or i nform a t ion contai ned here i n w i t hout not i ce. N o l iabil it y i s ass um ed as a res ul t of t h eir use o r
ap pl ic at ion. N o ri ght s under any pat ent a cc om pan y t he sale of any s uc h pr odu ct (s ) or in f orm at i on.
© 2 008 Line age Pow e r C orpor at i on, (M e squit e, T exas ) Al l I n t ernat i onal R ights R es er ved .
Ordering Information
For assistance in ordering, please contact your Lineage Power Account Manager or Field Application Engi-
neer for pricing and availability.
Optional features can be ordered using the suffixes shown in table below. The suffixes follow the last letter of the device code
and are placed in descending order. For example, the device codes for a QRW025A0P1 module with the following options are
shown below:
Auto-restart after over current shutdown QRW025A0F41
Input Voltage
Output
Voltage
Output
Current
Efficiency
Connector Type
Device Code
Comcodes
48V (36-75Vdc)
1.2V
25A
85%
Through hole
QRW025A0P1
108965799
48V (36-75Vdc)
1.5V
25A
87%
Through hole
QRW025A0M1
108965781
48V (36-75Vdc)
1.8V
25A
88%
Through hole
QRW025A0Y1
108965807
48V (36-75Vdc)
2.5V
25A
90%
Through hole
QRW025A0G1
108965773
48V (36-75Vdc)
3.3V
25A
91%
Through hole
QRW025A0F
108965955
48V (36-75Vdc)
3.3V
25A
91%
Through hole
QRW025A0F1
108965765
48V (36-75Vdc)
3.3V
25A
91%
Through hole
QRW025A0F1-H
108968918
48V (36-75Vdc)
3.3V
25A
91%
Through hole
QRW025A0F71-H
108968926
48V (36-75Vdc)
3.3V
25A
91%
Through hole
QRW025A0F1Z
CC109101482
48V (36-75Vdc)
2.5V
25A
90%
Through hole
QRW025A0G1-HZ
CC109107488
Option
Suffix
Negative Logic remote on/off
1
Auto-restart after fault shutdown
4
Base plate version for Heat Sink attachment
–H
Pin Length: 3.68 mm ± 0.25 mm
(0.145 in. ± 0.010 in)
6
Case Pin (Only available with –H option)
7
Pin Length: 2.79 mm ± 0.25 mm
(0.110 in. ± 0.010 in)
8
RoHS compliant
–Z


유사한 부품 번호 - QRW025A0F

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
QRW025A0A1 MACOM-QRW025A0A1 Datasheet
233Kb / 2P
   QRW 40A single output series
logo
Lineage Power Corporati...
QRW025A0A1 LINEAGEPOWER-QRW025A0A1 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A1Z LINEAGEPOWER-QRW025A0A1Z Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A641 LINEAGEPOWER-QRW025A0A641 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
More results

유사한 설명 - QRW025A0F

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
logo
Lineage Power Corporati...
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Bel Fuse Inc.
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
   36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
   36 to 75 Vdc Input; Single Output up to 25A
logo
Bel Fuse Inc.
SSQE48T15033 BEL-SSQE48T15033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 15 A, 50 W Output
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Bel Fuse Inc.
QM48T45 BEL-QM48T45 Datasheet
2Mb / 35P
   36-75 VDC Input; 1.0 - 3.3 VDC @ 45 A Output (150 W)
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com