전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QRW025A0F1 데이터시트(PDF) 18 Page - Lineage Power Corporation

부품명 QRW025A0F1
상세설명  36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QRW025A0F1 데이터시트(HTML) 18 Page - Lineage Power Corporation

Back Button QRW025A0F1 Datasheet HTML 14Page - Lineage Power Corporation QRW025A0F1 Datasheet HTML 15Page - Lineage Power Corporation QRW025A0F1 Datasheet HTML 16Page - Lineage Power Corporation QRW025A0F1 Datasheet HTML 17Page - Lineage Power Corporation QRW025A0F1 Datasheet HTML 18Page - Lineage Power Corporation QRW025A0F1 Datasheet HTML 19Page - Lineage Power Corporation QRW025A0F1 Datasheet HTML 20Page - Lineage Power Corporation QRW025A0F1 Datasheet HTML 21Page - Lineage Power Corporation QRW025A0F1 Datasheet HTML 22Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Lineage Power
18
Data Sheet
March 27, 2008
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
QRW025 Series Power Modules; dc-dc Converters
Test Configurations
Note:Measure input reflected-ripple current with a simulated
source inductance (LTEST) of 12 µH. Capacitor CS off-
sets possible battery impedance. Measure current as
shown above.
Figure 31. Input Reflected-Ripple Test Setup.
Note:Use a 1.0 µF ceramic capacitor and a 10 µF aluminum
or tantalum capacitor. Scope measurement should be
made using a BNC socket. Position the load between
51 mm and 76 mm (2 in. and 3 in.) from the module.
Figure 32. Peak-to-Peak Output Noise Measurement Test
Setup.
Note:All measurements are taken at the module terminals.
When socketing, place Kelvin connections at module
terminals to avoid measurement errors due to socket
contact resistance.
Figure 33. Output Voltage and Efficiency Measurement.
Design Considerations
Input Source Impedance
The power module should be connected to a low
ac-impedance input source. Highly inductive source imped-
ances can affect the stability of the power
module. For the test configuration in 31,
a 33 µF electrolytic capacitor (ESR < 0.7 W at 100 kHz)
mounted close to the power module helps ensure
stability of the unit. For other highly inductive source imped-
ances, consult the factory for further application guidelines.
Output Capacitance
High output current transient rate of change (high di/dt) loads
may require high values of output capacitance to supply the
instantaneous energy requirement to the load. Tp minimize
the output voltage transient drop
during this transient, low E.S.R. (equivalent series resistance)
capacitors may be required, since a high E.S.R. will produce
a correspondingly higher voltage drop during the current tran-
sient.
Output capacitance and load impedance interact with the
power module’s output voltage regulation control system and
may produce an ’unstable’ output condition for the required
values of capacitance and E.S.R.. Minimum and maximum
values of output capacitance and of the capacitor’s associ-
ated E.S.R. may be dictated, depending on the module’s con-
trol system.
The process of determining the acceptable values of capaci-
tance and E.S.R. is complex and is load-dependant. Lineage
provides Web-based tools to assist the power module end-
user in appraising and adjusting the effect of various load
conditions and output capacitances on specific power mod-
ules for various load conditions.
Safety Considerations
For safety-agency approval of the system in which the power
module is used, the power module must be installed in com-
pliance with the spacing and separation requirements of the
end-use safety agency standard, i.e., UL60950, CSA C22.2
No. 60950-00, and VDE 0805:2001-12 (IEC60950, 3rd Ed).
These converters have been evaluated to the spacing
requirements for Basic Insulation, per the above safety stan-
dards; and 1500 Vdc is applied from VI to VO to 100% of out-
going production.
For end products connected to –48 Vdc, or –60 Vdc nomianl
DC MAINS (i.e. central office dc battery plant), no further fault
testing is required.
Note:–60 V dc nominal bettery plants are not available in the
U.S. or Canada.
For all input voltages, other than DC MAINS, where the input
voltage is less than 60 Vdc, if the input meets all of the
requirements for SELV, then:
n
The output may be considered SELV. Output voltages will
VI(+)
VI(–)
CURRENT
PROBE
TO
OSCILLOSCOPE
LTEST
12
μH
BATTERY
CS 220
μF
ESR < 0.1
Ω
@ 20 ºC 100 kHz
COPPER STRIPS
1.0
μF
10
μF SCOPE
VO(+)
RESISTIVE
VO(-)
LOAD
CONTACT AND
SUPPLY
II
CONTACT
VI(+)
VI(–)
VO(+)
DISTRIBUTION LOSSES
RESISTANCE
IO
LOAD
VO(–)
SENSE(–)
SENSE(+)
η
V
O(+)
V
O(-)
[]I
O
V
I(+)
V
I(-)
[]I
I
----------------------------------------------
⎝⎠
⎛⎞
100 %
×
=


유사한 부품 번호 - QRW025A0F1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
QRW025A0A1 MACOM-QRW025A0A1 Datasheet
233Kb / 2P
   QRW 40A single output series
logo
Lineage Power Corporati...
QRW025A0A1 LINEAGEPOWER-QRW025A0A1 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A1Z LINEAGEPOWER-QRW025A0A1Z Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A641 LINEAGEPOWER-QRW025A0A641 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
More results

유사한 설명 - QRW025A0F1

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
logo
Lineage Power Corporati...
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Bel Fuse Inc.
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
   36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
   36 to 75 Vdc Input; Single Output up to 25A
logo
Bel Fuse Inc.
SSQE48T15033 BEL-SSQE48T15033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 15 A, 50 W Output
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Bel Fuse Inc.
QM48T45 BEL-QM48T45 Datasheet
2Mb / 35P
   36-75 VDC Input; 1.0 - 3.3 VDC @ 45 A Output (150 W)
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com