전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QSW025A0B1Z 데이터시트(PDF) 16 Page - Lineage Power Corporation

부품명 QSW025A0B1Z
부품 상세설명  36 - 75Vdc Input; 12Vdc Output; 25A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QSW025A0B1Z 데이터시트(HTML) 16 Page - Lineage Power Corporation

Back Button QSW025A0B1Z Datasheet HTML 8Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 9Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 10Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 11Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 12Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 13Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 14Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 15Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 16Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
February 16, 2009
QSW025A0B Series Power Modules; DC-DC Converters
36 – 75Vdc Input; 12Vdc Output; 25A Output Current
Document No: DS08-008 ver 1.1
PDF Name: QSW025A0B_ds.pdf
Ordering Information
Please contact your Lineage Power Sales Representative for pricing, availability and optional features.
Table 1. Device Codes
Product codes
Input Voltage
Output
Voltage
Output
Current
Efficiency
Connector
Type
Comcodes
QSW025A0B1Z
48V (36
−75Vdc)
12V
25A
95%
Through hole
CC109148350
QSW025A0B41Z
48V (36
−75Vdc)
12V
25A
95%
Through hole
CC109148383
QSW025A0B1-HZ
48V (36
−75Vdc)
12V
25A
95%
Through hole
CC109148342
QSW025A0B41-H
48V (36
−75Vdc)
12V
25A
95%
Through hole
CC109148367
QSW025A0B41-HZ
48V (36
−75Vdc)
12V
25A
95%
Through hole
CC109148375
QSW025A0B641-HZ
48V (36
−75Vdc)
12V
25A
95%
Through hole
CC109148391
QSW025A0B741-HZ
48V (36
−75Vdc)
12V
25A
95%
Through hole
CC109148400
QSW025A0B41-PHZ
48V (36
−75Vdc)
12V
25A
95%
Through hole
CC109148037
Table 2. Device Options
Option
Suffix
Negative remote on/off logic
1
Auto-restart
4
Pin length 6.35
± 0.25mm (0.250 ± 0.010 in.)
5
Pin length 3.68
± 0.25mm (0.145 ± 0.010 in.)
6
Case ground pin (offered with baseplate option only)
7
Pin length 2.79
± 0.25mm (0.110 ± 0.010 in.)
8
Baseplate option
-H
Active load sharing (Parallel Operation)
-P
RoHS compliant modules
-Z
World Wide Headquarters
Lineage Power Corporation
3000 Skyline Drive, Mesquite, TX 75149, USA
+1-800-526-7819
(Outside U.S.A.: +1-972-284-2626)
www.lineagepower.com
e-mail: techsupport1@lineagepower.com
Asia-Pacific Headquarters
Tel: +65 6416 4283
Europe, Middle-East and Africa Headquarters
Tel: +49 898 780 672 80
India Headquarters
Tel: +91 80 28411633
Lineage Power reserves the right to m ake changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or
application. No rights under any patent accompany the sale of any such product(s) or information.
© 2008 Lineage Pow er C orporation, (Mesquite, Texas) All International Rights Res erved.


유사한 설명 - QSW025A0B1Z

제조업체부품명데이터시트부품 상세설명
Vishay Siliconix
Vishay Siliconix
QBVW025A0B VISHAY-QBVW025A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12Vdc Output; 25A Output Current
Lineage Power Corporation
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
Vishay Siliconix
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz