전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QSW025A0B1Z 데이터시트(PDF) 8 Page - Lineage Power Corporation

부품명 QSW025A0B1Z
부품 상세설명  36 - 75Vdc Input; 12Vdc Output; 25A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QSW025A0B1Z 데이터시트(HTML) 8 Page - Lineage Power Corporation

Back Button QSW025A0B1Z Datasheet HTML 4Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 5Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 6Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 7Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 8Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 9Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 10Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 11Page - Lineage Power Corporation QSW025A0B1Z Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
February 16, 2009
QSW025A0B Series Power Modules; DC-DC Converters
36 – 75Vdc Input; 12Vdc Output; 25A Output Current
8
LINEAGE POWER
Feature Descriptions
Overcurrent Protection
To provide protection in a fault output overload condition,
the module is equipped with internal current-limiting
circuitry and can endure current limiting for a few mili-
seconds. If the overcurrent condition persists beyond a
few milliseconds, the module will shut down and remain
latched off. The overcurrent latch is reset by either
cycling the input power or by toggling the on/off pin for
one second. If the output overload condition still exists
when the module restarts, it will shut down again. This
operation will continue indefinitely until the overcurrent
condition is corrected.
An auto-restart option is also available. An auto-restart
feature continually attempts to restore the operation until
fault condition is cleared.
Remote On/Off
Two remote on/off options are available. Positive logic
remote on/off turns the module on during a logic-high
voltage on the ON/OFF pin, and off during a logic low.
Negative logic remote on/off turns the module off during
a logic high and on during a logic low. Negative logic,
device code suffix "1," is the factory-preferred
configuration. The on/off circuit is powered from an
internal bias supply. To turn the power module on and
off, the user must supply a switch to control the voltage
between the on/off terminal and the Vi (-) terminal
(Von/off). The switch can be an open collector or
equivalent (see Figure 12). A logic low is Von/off = -0.3V
to 0.8V. The typical Ion/off during a logic low is 10 µA.
The switch should maintain a logic-low voltage while
sinking 10µA. During a logic high, the maximum Von/off
generated by the power module is 3.5V. The maximum
allowable leakage current of the switch at Von/off = 2.0V
is 4µA. If using an external voltage source, the maximum
voltage V on/off on the pin is 13.5V with respect to the
Vi (-) terminal.
If not using the remote on/off feature, perform one of the
following to turn the unit on:
For negative logic, short ON/OFF pin to VI(-).
For positive logic: leave ON/OFF pin open.
Figure 12. Remote On/Off Implementation.
Output Overvoltage Clamp
The output overvoltage clamp consists of a control
circuit, independent of the primary regulation loop, that
monitors the voltage on the output terminals and clamps
the voltage when it exceeds the overvoltage set point.
The control loop of the clamp has a higher voltage set
point than the primary loop. This provides a redundant
voltage control that reduces the risk of output
overvoltage.
Overtemperature Protection
These modules feature an overtemperature protection
circuit to safeguard against thermal damage. The circuit
shuts down and latches off the module when the
maximum device reference temperature is exceeded.
The module can be restarted by cycling the dc input
power for at least one second or by toggling the remote
on/off signal for at least one second.
Input Under/Over voltage Lockout
At input voltages above or below the input under/over
voltage lockout limits, module operation is disabled. The
module will begin to operate when the input voltage level
changes to within the under and overvoltage lockout
limits.
Active Load Sharing (Parallel Operation with
–P option)
For additional power requirements, the power module
can be configured for parallel operation with active load
sharing. Good layout techniques should be observed
for noise immunity when using multiple units in parallel.
To implement active load sharing, the following
requirements should be followed:
The share pins of all units in parallel must be
connected together. The path of these connections
should be as direct as possible. Vin(-) is the return
for the active share signal for each module;
therefore, all modules in parallel must use the same
Vin source. The share signal trace should be placed
as close to the Vin(-) power plane as possible.
These modules contain circuitry to block reverse
current flow upon start-up, when output voltage is
present from other parallel modules, eliminating the
requirement for external output ORing devices.
However, output ORing devices should be used, if
fault tolerance is desired in parallel applications.
When using modules in parallel without output
ORing devices, the On/Off signal for one module
shall be 40mS ahead of the other modules, to allow
output voltage to be established, before the
remaining modules startup. If using output ORing
devices, the 40mS delay is not required.
When not using the parallel feature, leave the share
pin open.
VO(+)
VO(–)
VI(–)
+
Ion/off
ON/OFF
VI(+)
LOAD
Von/off


유사한 설명 - QSW025A0B1Z

제조업체부품명데이터시트부품 상세설명
Vishay Siliconix
Vishay Siliconix
QBVW025A0B VISHAY-QBVW025A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12Vdc Output; 25A Output Current
Lineage Power Corporation
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
Vishay Siliconix
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Lineage Power Corporation
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz