전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QRW025A0A1Z 데이터시트(PDF) 22 Page - Lineage Power Corporation

부품명 QRW025A0A1Z
상세설명  36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QRW025A0A1Z 데이터시트(HTML) 22 Page - Lineage Power Corporation

Back Button QRW025A0A1Z Datasheet HTML 18Page - Lineage Power Corporation QRW025A0A1Z Datasheet HTML 19Page - Lineage Power Corporation QRW025A0A1Z Datasheet HTML 20Page - Lineage Power Corporation QRW025A0A1Z Datasheet HTML 21Page - Lineage Power Corporation QRW025A0A1Z Datasheet HTML 22Page - Lineage Power Corporation QRW025A0A1Z Datasheet HTML 23Page - Lineage Power Corporation QRW025A0A1Z Datasheet HTML 24Page - Lineage Power Corporation QRW025A0A1Z Datasheet HTML 25Page - Lineage Power Corporation QRW025A0A1Z Datasheet HTML 26Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Lineage Power
22
Data Sheet
June 15, 2009
36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW010/025/035/040 Series Power Modules; dc-dc Converters
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
See Feature Descriptions for additional information
.
* A Minimum OFF Period of 1 sec is recommended.
Parameter
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface*
(VI = 0 V to 75 V; open collector or equivalent compatible; signal
referenced to VI(–) terminal; see Figure 52
and Feature Descriptions.):
Preferred Logic:
Logic Low—Module On
Logic High—Module Off
Optional Logic:
Logic Low—Module Off
Logic High—Module On
Logic Low:
At Ion/off = 1.0 mA
At Von/off = 0.0 V
Logic High:
At Ion/off = 0.0 µA
Leakage Current
Turn-on Time; see Typical Start-up Curve(IO = IO max;
Vo within ±1% of steady state)
Von/off
Ion/off
Von/off
Ion/off
0
1
1.2
1.0
15
50
4
V
mA
V
µA
ms
Output Voltage Adjustment
(See Feature Descriptions):
Output Voltage Remote-sense Range
Output Voltage Set-point Adjustment Range (trim)
80
0.5
110
V
%V0,nom
Output Overvoltage Protection
VO, ovsd
5.6
6.8
V
Overtemperaute Protection (IO = IO, max)
Tref1
127
°C


유사한 부품 번호 - QRW025A0A1Z

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
QRW025A0A1 MACOM-QRW025A0A1 Datasheet
233Kb / 2P
   QRW 40A single output series
More results

유사한 설명 - QRW025A0A1Z

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
   36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T40018 BEL-SQE48T40018 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.8 VDC @ 40 A Output
SSQE48T07120 BEL-SSQE48T07120 Datasheet
709Kb / 14P
   36-75 VDC Input; 12 VDC @ 7 A Output
QME48T20120 BEL-QME48T20120 Datasheet
1Mb / 15P
   36-75 VDC Input; 12 VDC @ 20 A Output
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
QM48T45 BEL-QM48T45 Datasheet
2Mb / 35P
   36-75 VDC Input; 1.0 - 3.3 VDC @ 45 A Output (150 W)
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
SQE48T20120 BEL-SQE48T20120 Datasheet
1Mb / 14P
   36-75 VDC Input; 12.0 VDC @ 20 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com