전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SW001A2B91 데이터시트(HTML) 18 Page - Lineage Power Corporation

부품명 SW001A2B91
상세내용  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo 

SW001A2B91 데이터시트(HTML) 18 Page - Lineage Power Corporation

Zoom Inzoom in Zoom Outzoom out
/ 24 page
 18 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
18
Mechanical Outline for SW/SC Through Hole Module
Dimensions are in millimeters and (inches).
Tolerances: x.x mm
± 0.5 mm (x.xx in. ± 0.02 in.) [Unless otherwise indicated]
x.xx mm
± 0.25 mm (x.xxx in ± 0.010 in.)
Top View
(1.1)
24.4
(0.96)
27.9
Side View
8.50
(0.335)
MAX
4.95
(0.195)
(0.185)
4.70
AA
0.762
(0.030)
Ø 0.95
(0.0375)
MAX
SECTION A-A
Bottom View
Pi
Function
1
Vin +
2
Vin -
3
ON/OFF
(Optional)
4
Vout +
5
TRIM
(Optional)
6
Vout -
(0.400)
(0.08)
2.0
3.8
20.32
(0.800)
(0.15)
(0.300)
7.62
12.70
(0.500)
4
5
6
1
2
3
20.32
(0.800)
10.16
Recommended Pad Layout for Surface Mount and Through Hole Module
Dimensions are in millimeters and (inches).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn