์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SW001A2B91 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 19 Page - Lineage Power Corporation

๋ถ€ํ’ˆ๋ช… SW001A2B91
์ƒ์„ธ๋‚ด์šฉ  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  LINEAGEPOWER [Lineage Power Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.lineagepower.com
Logo 

SW001A2B91 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 19 Page - Lineage Power Corporation

Zoom Inzoom in Zoom Outzoom out
/ 24 page
 19 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
19
Tolerances: x.x mm
ยฑ 0.5 mm (x.xx in. ยฑ 0.02 in.) [Unless otherwise indicated]
x.xx mm
ยฑ 0.25 mm (x.xxx in ยฑ 0.010 in.)
Pin
Function
1
Vin +
2
Vin -
3
ON/OFF
4
Vout +
5
TRIM
6
Vout -
1
2
3
4
5
6
10.16
(0.400)
20.32
(0.800)
(0.800)
(0.15)
7.62
(0.300)
12.70
(0.500)
(0.08)
20.32
3.8
2.0
IN 6 POSITIONS
MINIMUM PAD ร˜ 1.9mm
RECOMMENDED PAD ร˜ 2.8mm
Surface Mount Pad Layout โ€“ Component side view
Pin
Function
1
Vin +
2
Vin -
3
ON/OFF
(Optional)
4
Vout +
5
TRIM
(Optional)
6
Vout -
1
2
3
4
5
6
10.16
(0.400)
20.32
(0.800)
(0.800)
(0.15)
7.62
(0.300)
12.70
(0.500)
(0.08)
20.32
3.8
2.0
IN 6 POSITIONS
PAD ร˜ 3.5mm
HOLE ร˜1.2mm
Through-Hole Pad Layout โ€“ Component side view


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn