์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SW001A2B91 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 24 Page - Lineage Power Corporation

๋ถ€ํ’ˆ๋ช… SW001A2B91
์ƒ์„ธ๋‚ด์šฉ  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  LINEAGEPOWER [Lineage Power Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.lineagepower.com
Logo 

SW001A2B91 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 24 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 24 page
 24 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Document No: DS03-086 ver. 1.9
PDF name: sw001-002-003_series.pdf
Table 3. Device Options
Option*
Device Code Suffix**
Negative remote on/off logic (On/Off pin fitted)
โ€ 
1
Positive remote on/off logic (On/Off pin fitted)
โ€ 
4
Short Pins, 3.68 mm ยฑ 0.25mm (0.145 in. ยฑ 0.010 in.)
6
Output Voltage Adjustment (Trim pin fitted)
โ€ 
9
Surface mount connections, SMT (Tape & Reel)
-SR
RoHS Compliant
-Z
* Please contact Lineage Power Sales Representative for availability of these options, samples, minimum order
quantity and lead times. Legacy device codes may contain a โ€“B option suffix to indicate 100% factory Hi-Pot tested to
the isolation voltage specified in the Absolute Maximum Ratings table. The 100% Hi-Pot test is now applied to all
device codes, with or without the โ€“B option suffix. Existing comcodes for devices with the โ€“B suffix are still valid;
however, no new comcodes for devices containing the โ€“B suffix will be created.
** When adding multiple options to the product code, add numerical suffix codes in the descending order.
โ€ 
Either negative or positive logic (1 or 4), and output voltage adjustment (trim, 9) must be ordered on surface mount ,
SMT (-SR) device codes. Both the on/off pin and trim pin will be provided on all โ€“SR device codes.
World Wide Headquarters
Lineage Power Corporation
3000 Skyline Drive, Mesquite, TX 75149, USA
+1-800-526-7819
(Outside U.S.A.: +1-972-284-2626)
www.lineagepower.com
e-mail: techsupport1@lineagepower.com
Asia-Pacific Headquarters
Tel: +65 6416 4283
Europe, Middle-East and Africa Headquarters
Tel: +49 89 6089 286
India Headquarters
Tel: +91 80 28411633
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or
application. No rights under any patent accompany the sale of any such product(s) or information.
ยฉ 2008 Lineage Power Corporation, (Mesquite, Texas) All International Rights Reserved.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn