์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SW001A2B91 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Lineage Power Corporation

๋ถ€ํ’ˆ๋ช… SW001A2B91
์ƒ์„ธ๋‚ด์šฉ  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  LINEAGEPOWER [Lineage Power Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.lineagepower.com
Logo 

SW001A2B91 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 24 page
 5 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix โ€œ1โ€
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current
All
Ion/off
โŽฏ
โŽฏ
1.0
mA
Logic Low - On/Off Voltage
All
Von/off
-0.7
โŽฏ
1.2
V
Logic High Voltage โ€“ (Typ = Open Collector)
All
Von/off
โŽฏ
5.8
15
V
Logic High maximum allowable leakage current
All
Ion/off
โŽฏ
โŽฏ
50
ฮผA
Turn-On Delay and Rise Times
(IO=80% of IO, max, TA=25ยฐC)
Case 1: On/Off input is set ON and then input
power is applied (Tdelay = from instant at which
VIN=VIN, min until VO = 10% of VO, set).
All
Tdelay
Case1
โŽฏ
20
50
ms
Case 2: Input power is applied for at least 1
second and then On/Off input is set from OFF to
ON (Tdelay = from instant at which VIN=VIN, min until
VO = 10% of VO, set).
All
Tdelay
Case2
โŽฏ
20
50
ms
T rise = time for VO to rise from 10% of VO, set to
90% of VO, set.
All
Trise
โŽฏ
0.1
1
ms
T rise = time for VO to rise from 10% of VO, set to
90% of VO, set with max ext capacitance
All
Trise
โŽฏ
1.5
โŽฏ
ms
Output Voltage Overshoot
3
% VO, set
(IO=80% of IO, max, VIN= 54V, TA=25ยฐC)
Output Overvoltage Protection
15V
VO, limit
16.6
โŽฏ
21.0
V
12V
VO, limit
13.3
โŽฏ
16.0
V
5.0V
VO, limit
5.6
โŽฏ
7.0
V
3.3V
VO, limit
3.7
โŽฏ
5.4
V
Input Undervoltage Lockout
Turn-on Threshold
SW
Vuv/on
โŽฏ
33
36
V
Turn-off Threshold
SW
Vuv/off
27.5
30.5
โŽฏ
V
Hysterisis
SW
Vhyst
โŽฏ
2.5
โŽฏ
V
Turn-on Threshold
SC
Vuv/on
โŽฏ
17
18
V
Turn-off Threshold
SC
Vuv/off
13.5
14.5
โŽฏ
V
Hystersis
SC
Vhyst
โŽฏ
3.0
โŽฏ
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn