전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SW001A2B91 데이터시트(HTML) 6 Page - Lineage Power Corporation

부품명 SW001A2B91
상세내용  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo 

SW001A2B91 데이터시트(HTML) 6 Page - Lineage Power Corporation

Zoom Inzoom in Zoom Outzoom out
/ 24 page
 6 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
6
Characteristic Curves
The following figures provide typical characteristics for the SW001A0C91 (15.0V, 1A) at 25ºC. The figures are
identical for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
90
0
0.2
0.4
0.6
0.8
1
VI = 36V
VI = 54V
VI = 75V
OUTPUT CURRENT, Io (A)
TIME, t (5ms/div)
Figure 1. Converter Efficiency versus Output
Current.
Figure 4. Typical Start-Up Using Remote On/Off,
negative logic version shown.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
102030405060708090
100
110
3.0 m/ s(600 f t ./ min.)
2.0 m/ s(400 f t ./ min.)
1.0 m/ s(200 f t ./ min.)
Nat ural Convect ion
AMBIENT TEMPERATURE, TA
OC
TIME, t (1ms/div)
Figure 2. Derating Output Current versus Local
Ambient Temperature and Airflow.
Figure 5. Transient Response to Dynamic Load Change
from 50% to 75% to 50% of full load.
TIME, t (1
μs/div)
TIME, t (500
μs/div)
Figure 3. Typical Output Ripple and Noise, VIN=VIN,
nom IO=80% of IO, max.
Figure 6. Typical Start-Up Output Voltage Rise
Characteristic.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn