전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL-5335S-C450-HFS 데이터시트(PDF) 1 Page - Optoway Technology Inc

부품명 DL-5335S-C450-HFS
상세설명  1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTOWAY [Optoway Technology Inc]
홈페이지  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5335S-C450-HFS 데이터시트(HTML) 1 Page - Optoway Technology Inc

  DL-5335S-C450-HFS Datasheet HTML 1Page - Optoway Technology Inc DL-5335S-C450-HFS Datasheet HTML 2Page - Optoway Technology Inc DL-5335S-C450-HFS Datasheet HTML 3Page - Optoway Technology Inc DL-5335S-C450-HFS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
DL-5300-CXX0
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
1270 nm ~ 1610 nm DFB LD MODULES
DL-5300-CXX0 SERIES
CWDM MQW-DFB LD PIGTAIL
*******************************************************************************************************************************************************
FEATURES
18-wavelength CWDM: from 1270 nm to 1610 nm, each Step 20 nm
High reliability, long operation life
0 ºC ~+70 ºC operation
Single frequency operation with high SMSR
Build-in InGaAs monitor
Build-in single stage isolator
APPLICATION
OC-3, OC-12 and Gigabit CWDM Optical communication system
DESCRIPTION
DL-5300-CXX0 series are MQW-DFB laser diodes that provide a durable, single frequency oscillation
with emission wavelength from 1270 nm to 1610 nm CWDM, each step 20 nm.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
10
20
mA
IOP
Operating Current
CW, Ith+20mA
35
50
mA
VOP
Operating Voltage
CW, Ith+20mA
1.2
1.5
V
Pf
Optical Output Power
Part No:DL-532XX-CXX0
DL-533XX-CXX0
DL-534XX-CXX0
CW, IF= Ith+20mA
1.0
2.0
3.0
2.0
3.0
-
mW
λc
Center Wavelength
CW, Ith+20mA
λ-3
λ
λ+2
nm
SMSR
Side Mode Suppression Ratio
CW, Ith+20mA
30
35
dB
t r, t f
Rise And Fall Times
Part No:DL-53XX-CXX0
DL-53XXS-CXX0
IF=Ith, Ith+20mA,20~ 80%
226
150
ps
ΔP f / P f Tracking Error
APC, 0~+70 ºC
-1.5
1.5
dB
Im
PD Monitor Current
CW, Ith+20mA,VRD=1V
50
μA
ID
PD Dark Current
VRD=5V
10
nA
Ct
PD Capacitance
VRD=5V, f=1MHz
10
15
pF
Note: Central CWDM wavelength is from 1270 nm to 1610 nm, each step 20 nm.
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Optical Output Power
(532XX/533XX/534XX)
1.5/3/4
mW
VRL
LD Reverse Voltage
2
V
VRD
PD Reverse Voltage
10
V
IFD
PD Forward Current
1.0
mA
Topr
Operating Temperature
0~+70
ºC
Tstg
Storage Temperature
-40~+85
ºC


유사한 부품 번호 - DL-5335S-C450-HFS

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
DL-5335S-C270-HF OPTOWAY-DL-5335S-C270-HF Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5335S-C270-HF OPTOWAY-DL-5335S-C270-HF Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5335S-C270-HFS OPTOWAY-DL-5335S-C270-HFS Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5335S-C270-HFS OPTOWAY-DL-5335S-C270-HFS Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5335S-C270-HL OPTOWAY-DL-5335S-C270-HL Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
More results

유사한 설명 - DL-5335S-C450-HFS

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300S-CXX0 OPTOWAY-DL-5300S-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5340S-CXX0 OPTOWAY-DL-5340S-CXX0 Datasheet
93Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5540S-CXX0 OPTOWAY-DL-5540S-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5540-CXX0 OPTOWAY-DL-5540-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500-CXX0 OPTOWAY-DL-5500-CXX0 Datasheet
111Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500-CXX0 OPTOWAY-DL-5500-CXX0_09 Datasheet
93Kb / 5P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com