전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6754 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN6754
상세설명  Highly Integrated Green- Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6754 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6754 Datasheet HTML 6Page - Fairchild Semiconductor FAN6754 Datasheet HTML 7Page - Fairchild Semiconductor FAN6754 Datasheet HTML 8Page - Fairchild Semiconductor FAN6754 Datasheet HTML 9Page - Fairchild Semiconductor FAN6754 Datasheet HTML 10Page - Fairchild Semiconductor FAN6754 Datasheet HTML 11Page - Fairchild Semiconductor FAN6754 Datasheet HTML 12Page - Fairchild Semiconductor FAN6754 Datasheet HTML 13Page - Fairchild Semiconductor FAN6754 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6754 • Rev. 1.0.1
11
Functional Description
Startup Current
For startup, the HV pin is connected to the line input
through an external diode and resistor; RHV, (1N4007 /
150KΩ recommended). Peak startup current drawn
from the HV pin is (VAC× 2 ) / RHV and charges the
hold-up capacitor through the diode and resistor. When
the VDD capacitor level reaches VDD-ON, the startup
current switches off. At this moment, the VDD capacitor
only supplies the FAN6754 to keep the VDD until the
auxiliary winding of the main transformer provides the
operating current.
Operating Current
Operating current is around 1.7mA. The low operating
current enables better efficiency and reduces the
requirement of VDD hold-up capacitance.
Green-Mode Operation
The proprietary green-mode function provides off-time
modulation to reduce the switching frequency in light-
load and no-load conditions. VFB, which is derived from
the voltage feedback loop, is taken as the reference.
Once VFB is lower than the threshold voltage (VFB-N),
switching frequency is continuously decreased to the
minimum green-mode frequency of around 22KHz.
Current Sensing / PWM Current Limiting
Peak-current-mode control is utilized to regulate output
voltage and provide pulse-by-pulse current limiting. The
switch current is detected by a sense resistor into the
SENSE pin. The PWM duty cycle is determined by this
current-sense signal and VFB, the feedback voltage.
When the voltage on the SENSE pin reaches around
VCOMP = (VFB–0.6)/4, the switch cycle is terminated
immediately. VCOMP is internally clamped to a variable
voltage around 0.46V for low-line output power limit.
Leading-Edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on
spike occurs on the sense-resistor. To avoid premature
termination of the switching pulse, a leading-edge
blanking time is built in. During this blanking period, the
current-limit comparator is disabled and cannot switch
off the gate driver.
Under-Voltage Lockout (UVLO)
The turn-on and turn-off thresholds are fixed internally
at 16.5V and 9V, respectively. During startup, the hold-
up capacitor must be charged to 16.5V through the
startup resistor to enable the IC. The hold-up capacitor
continues to supply VDD until the energy can be
delivered from auxiliary winding of the main transformer.
VDD must not drop below 9V during startup. This UVLO
hysteresis window ensures that hold-up capacitor is
adequate to supply VDD during startup.
Gate Output / Soft Driving
The BiCMOS output stage is a fast totem-pole gate
driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance
reliability. The output driver is clamped by an internal
13V Zener diode to protect power MOSFET transistors
against undesirable gate over voltage. A soft driving
waveform is implemented to minimize EMI.
Soft-Start
For many applications, it is necessary to minimize the
inrush current at startup. The built-in 8ms soft-start
circuit significantly reduces the startup current spike
and output voltage overshoot.
Slope Compensation
The sensed voltage across the current-sense resistor is
used for peak-current-mode control and cycle-by-cycle
current limiting. Built-in slope compensation improves
stability
and
prevents
sub-harmonic
oscillation.
FAN6754 inserts a synchronized, positive-going, ramp
at every switching cycle.
Constant Output Power Limit
When the SENSE voltage across sense resistor RSENSE
reaches the threshold voltage, around 0.46V for low-line
condition, the output GATE drive is turned off after a
small delay, tPD. This delay introduces an additional
current proportional to tPD • VIN / LP. Since the delay is
nearly constant regardless of the input voltage VIN,
higher input voltage results in a larger additional current
and the output power limit is higher than under low input
line voltage. To compensate this variation for a wide AC
input range, a power-limiter is controlled by the HV pin
to solve the unequal power-limit problem. The power
limiter is fed to the inverting input of the current limiting
comparator. This results in a lower current limit at high-
line inputs than at low-line inputs.
Brownout and Constant Power Limited by
HV Pin
Unlike previous PWM controllers, FAN6754’s HV pin
can detect the AC line voltage brownout function and
adjust the current limit level. Using a fast diode and
startup resistor to sample the AC line voltage, the peak
value refreshes and is stored in a register at each
sampling cycle. When internal update time is met, this
peak value is used for brownout and current-limit level
judgment. Equation 1 and 2 calculate the level of
brownin or brownout converted to RMS value. For
power saving, FAN6754 enlarges the sampling cycle to
lower the power loss from HV sampling at light load
condition.
2
/
)
1.6
1.6)
(R
0.9V
(
(RMS)
V
HV
ON
-
AC
+
×
=
(1)
Ω
+
×
=
k
is
R
of
unit
the
;
2
/
)
1.6
1.6)
(R
0.81V
(
(RMS)
V
HV
HV
OFF
-
AC
(2)


유사한 부품 번호 - FAN6754

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6754 FAIRCHILD-FAN6754 Datasheet
748Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6754 FAIRCHILD-FAN6754 Datasheet
804Kb / 14P
   Highly Integrated Green- Mode PWM Controller
FAN6754A FAIRCHILD-FAN6754A Datasheet
470Kb / 9P
   Design Guideline to Replace SG6742 with FAN6754A
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
FAN6754MLMY FAIRCHILD-FAN6754MLMY Datasheet
748Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

유사한 설명 - FAN6754

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com