전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE150212FM+H 데이터시트(PDF) 3 Page - ACE Technology Co., LTD.

부품명 ACE150212FM+H
상세설명  150KHz,2A, PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE150212FM+H 데이터시트(HTML) 3 Page - ACE Technology Co., LTD.

  ACE150212FM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE150212FM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE150212FM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE150212FM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE150212FM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE150212FM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE150212FM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE150212FM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE150212FM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
3
Pin Description
No.
ACE1501
Pin Name
Function
No.
ACE1502
Pin Name
Function
1
N.C.
NC
1
VIN
Supply Voltage
2
VIN
Supply Voltage
2
VOUT
Switch Pin. Connect inductor/diode
3
VOUT
Switch Pin.
Connect inductor/diode
h
3
FB
Feedback Pin.
4
FB
Feedback Pin.
4
SHDN
Shutdown Control Input.
Active-Low into shutdown mode
5
GND
Ground Pin
5
GND
Ground Pin
6
GND
Ground Pin
6
GND
Ground Pin
7
GND
Ground Pin
7
GND
Ground Pin
8
GND
Ground Pin
8
GND
Ground Pin
Block Diagram


유사한 부품 번호 - ACE150212FM+H

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
ACE1502EM FAIRCHILD-ACE1502EM Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
ACE1502EM8 FAIRCHILD-ACE1502EM8 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
ACE1502EM8X FAIRCHILD-ACE1502EM8X Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
ACE1502EMT FAIRCHILD-ACE1502EMT Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
More results

유사한 설명 - ACE150212FM+H

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com